Selected language     English  ā–¼


TDA4863-2G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. TDA4863-2G
Description  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 9 page
background image
TDA4863-2
Functional Description
Data Sheet
9
V1.2, 2004-02
2
Functional Description
2.1
Introduction
Conventional electronic ballasts and switch mode power supplies are designed with a
bridge rectifier and a bulk capacitor. Their disadvantage is that the circuit draws power
from the line when the instantaneous AC voltage exceeds the capacitors voltage. This
occurs near the line voltage peak and causes a high charge current spike with following
characteristics: The apparent power is higher than the real power that means low power
factor condition, the current spikes are non sinusoidal with a high content of harmonics
causing line noise, the rectified voltage depends on load condition and requires a large
bulk capacitor, special efforts in noise suppression are necessary.
With the TDA4863-2 preconverter a sinusoidal current is achieved which varies in direct
instantaneous proportional to the input voltage half sine wave and so provides a power
factor near 1. This is due to the appearance of almost any complex load like a resistive
one at the AC line. The harmonic distortions are reduced and comply with the IEC555
standard requirements.
2.2
IC Description
The TDA4863-2 contains a wide bandwidth voltage amplifier used in a feedback loop,
an overvoltage regulator, an one quadrant multiplier with a wide linear operating range,
a current sense comparator, a zero current detector, a PWM and logic circuitry, a totem-
pole MOSFET driver, an internal trimmed voltage reference, a restart timer and an
undervoltage lockout circuitry.
2.3
Voltage Amplifier
With an external capacitor between the pins VSENSE and VAOUT the voltage amplifier
acts like an integrator. The integrator monitors the average output voltage over several
line cycles. Typically the integratorĀ“s bandwidth is set below 20 Hz in order to suppress
the 100 Hz ripple of the rectified line voltage. The voltage amplifier is internally
compensated and has a gain bandwidth of 5 MHz (typ.) and a phase margin of 80
degrees. The non-inverting input is biased internally to 2.5 V. The output is directly
connected to the multiplier input.
The gate drive is disabled when VSENSE voltage is less than 0.2 V or VAOUT voltage
is less than 2.2 V.
If the MOSFET is placed nearby the controller switching interferences have to be taken
into account. The output of the voltage amplifier is designed in a way to minimize these
inteferences.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
FSQ0365RNGreen Mode Fairchild Power Switch FPS for Quasi-Resonant Operation - Low EMI and High Efficiency 1 2 3 4 5 MoreFairchild Semiconductor
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NCP1030Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl