Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4621 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67040-S4621
Description  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4621 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button Q67040-S4621 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4621 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4621 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4621 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4621 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4621 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4621 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4621 Datasheet HTML 10Page - Infineon Technologies AG Q67040-S4621 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TDA4863-2
Overview
Data Sheet
7
V1.2, 2004-02
Pin Definitions and Functions
Pin
Symbol
Description
1
VSENSE Voltage Amplifier Inverting Input
VSENSE is connected via a resistive divider to the boost converter
output. With a capacitor connected to VAOUT the internal error
amplifier acts as an integrator.
2
VAOUT
Voltage Amplifier Output
VVAOUT is connected internally to the first multiplier input. To prevent
overshoot the input voltage is clamped internally at 5 V. If V
VAOUT is
less than 2.2 V the gate driver is inhibited. If the current flowing into
this pin exceeds an internal threshold the multiplier output voltage is
reduced to prevent the MOSFET from overvoltage damage.
3MULTIN
Multiplier Input
MULTIN is the second multiplier input and is connected via a resistive
divider to the rectifier output voltage.
4
ISENSE
Current Sense Input
ISENSE is connected to a sense resistor controlling the MOSFET
source current. The input is internally clamped at -0.3 V to prevent
negative input voltage interaction. A leading edge blanking circuitry
suppresses voltage spikes when turning the MOSFET on.
5DETIN
Zero Current Detector Input
DETIN is connected to an auxiliary winding and monitors the zero
crossing of the inductor current.
6GND
Ground
7GTDRV
Gate Driver Output
GTDRV is the output of a totem-pole circuitry for direct driving a
MOSFET. Compared with TDA4863 the TDA4863-2 can drive 20A
MOSFETS. To achieve this the gate output voltage V
GTLat IGT=0A has
been set to 0.85 V. An active shutdown circuitry ensures that GTDRV
is set to low if the IC is switched off.
8VCC
Positive Voltage Supply
If V
CC exceeds the turn-on threshold the IC is switched on. When VCC
falls below the turn-off threshold the IC is switched off. In switch off
mode power consumption is very low. Two capacitors should be
connected to VCC. An electrolytic capacitor and 100 nF ceramic
capacitor which is used to absorb fast supply current spikes. Make
sure that the electrolytic capacitor is discharged before the IC is
plugged into the application board.


Similar Part No. - Q67040-S4621

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4621 INFINEON-Q67040-S4621 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
More results

Similar Description - Q67040-S4621

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
   High power quality (Power Factor and THD)
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com