Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4050B-AFL Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U4050B-AFL
Description  Speech Circuit with Line-Powered Loudspeaker Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4050B-AFL Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U4050B-AFL Datasheet HTML 1Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 2Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 3Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 4Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 5Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 6Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 7Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 8Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
U4050B
Rev. A2, 05-Mar-98
3 (18)
Pin Description
1
2
3
4
5
6
7
8
10
9
27
22
21
20
18
19
17
12
11
28
25
26
23
24
CK
MICO
DTMF
GS
MIC1
MIC2
ST
CLIM
LEVSQ
RECO1
GR
RECO2
VL
GND
SAO
VD
RDC
SWAMP
PD
VC
CLISA
GSA
AGA
IREF
16
15
14
13
14052
CSQ
VM
MUTE
TIN
Figure 3. Pinning S028
Pin
Symbol
Function
1
3
RECO2,
RECO1
Symmetrical outputs of receiving
amplifier
2
GR
A resistor connected from this pin to
VM (AC coupled) sets the receiving
amplification at the circuit
4
ST
Input of sidetone amplifier
5
CLIM
Time constant of anticlipping in trans-
mit patch
6
CK
Input of receiving path
7
MICO
Output of microphone preamplifier
8
DTMF
Input for DTMF signals (ac coupled).
In Mute condition a small portion of
the signal at this pin is monitored to
the receiver output.
9
GS
A resistor from this pin to VM sets the
amplification of microphone and
DTMF signals.
10
MIC1
Inverting input of microphone ampli-
fier
Pin
Symbol
Function
11
MIC2
Non-inverting input of microphone
amplifier
12
LEVSQ
Input for setting the switching level of
the squelch circuit
13
CSQ
Time constant of the squelch function
14
VM
Reference node for microphone, ear-
phone and loudspeaker amplifier.
Supply for electret microphone set to
VD/2.
15
TIN
Input of intermediate transmit stage
16
MUTE
Active high input to switch the circuit
into DTMF condition.
17
CLISA
Time constant of anticlipping of
speaker amplifier.
18
SWAMP
A resistor connected from this pin to
ground converts the excess line cur-
rent into heat in order to prevent the
IC from thermal destruction at high
line currents
19
RDC
A small resistor connected from this
pin to VL sets the slope of the charac-
teristic and also affects the line length
equalization characteristics and the
line current at which the loudspeaker
amplifier is switched on.
20
VD
Unregulated supply voltage for pe-
ripheral circuits (dialers, microproces-
sors, etc.). Output current capability
and output voltage increase with line
current.
21
SAO
Output of loudspeaker amplifier.
22
GND
Reference point for DC and AC out-
put signals
23
VL
Line voltage
24
VC
The internal equivalent inductance of
the circuit is proportional to the value
of the capacitor at this pin. A resistor
connected to ground may be used to
reduce the line voltage.
25
PD
Active high input for reducing the
current consumption of the circuit.
Simultaneously VL is shorted by an
internal switch.
26
GSA
Current input for setting the gain of
the speaker amplifier
27
AGA
Automatic gain adjustment with line
current. A resistor connected from this
pin to VL sets the starting point.
Maximum gain change is 6 dB.
28
IREF
Internal reference current generation


Similar Part No. - U4050B-AFL

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U405 CALOGIC-U405 Datasheet
26Kb / 2P
   Dual N-Channel JFET Switch
logo
Linear Integrated Syste...
U405 LINEAR-U405 Datasheet
241Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET
logo
Intersil Corporation
U405 INTERSIL-U405 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Micross Components
U405 MICROSS-U405 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405 MICROSS-U405 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results

Similar Description - U4050B-AFL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34216A MOTOROLA-MC34216A Datasheet
529Kb / 20P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
   Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
Ericsson
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
   Voice - switched 2-channel Circuit with loudspeaker amplifier
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
   Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
logo
Sames
SAN2202 SAMES-SAN2202 Datasheet
81Kb / 9P
   SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
logo
Ericsson
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
logo
FSP TECHNOLOGY INC.
FSP250-60GHT FSP-FSP250-60GHT Datasheet
128Kb / 1P
   AC - line powered switching power supply with active PFC circuit
logo
STMicroelectronics
TEA7063 STMICROELECTRONICS-TEA7063 Datasheet
228Kb / 15P
   SPEECH CIRCUIT WITH POWER MANAGEMENT
January 1994
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com