Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4050B-AFL Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U4050B-AFL
Description  Speech Circuit with Line-Powered Loudspeaker Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4050B-AFL Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U4050B-AFL Datasheet HTML 1Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 2Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 3Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 4Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 5Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 6Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 7Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 8Page - TEMIC Semiconductors U4050B-AFL Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
U4050B
Rev. A2, 05-Mar-98
4 (18)
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Line current
IL
140
mA
Line voltage
VL
15
V
Junction temperature
Tj
150
°C
Ambient temperature
Tamb
–25 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Total power dissipation (Tamb = 60°C, SO28)
Ptot
750
mW
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient SO28
RthJA
120
K/W
Electrical Characteristics
Test conditions unless otherwise specified: f = 1 kHz, 0 dBm = 775 Vrms, IM = 0.3 mA, ID = 2 mA, RC = 130 kΩ,
Tamb = 25°C, RGSA = 560 kΩ, ZH = ZM = 68 nF, Pin AGA open
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
DC characteristics
see figure 4
IL = 2 mA
VL
1.9
V
DC oltage drop
IL = 15 mA
VL
4.8
5.2
5.6
V
DC voltage drop
over circuit
IL = 19 mA
VL
5.4
V
over circuit
IL = 30 mA
VL
6.0
V
IL = 100 mA
VL
9.5
V
Transmission amplifier
see figures 5 and 11
Adjustment
range of transmit gain
IL = 15 mA
GS
40
48
56
dB
Transmitting
amplification
IL = 15 mA
GS
47.75
48.25
48.75
dB
Frequency response
IL
w 15 A, CL = 4.7 nF
f = 300 to 3400 Hz
DGS
"0.5
dB
Gain change with current
Pin AGA open
IL = 15 to 100 mA
DGS
"0.5
dB
Gain deviation
Tamb = –10 to +60°C
IL = 15 mA
DGS
"0.5
dB
CMRR of microphone
amplifier
CMRR
60
80
dB
Input resistance of MIC
amplifier
Ri
45
60
80
k
Distortion at line
IL > 15 mA
VL = 775 mV2rms
ds
2
%
Maximum output voltage
IL > 19 mA d < 5%
Vmic = 10 m
V1max
1.8
3
4.2
dBm
Noise at line
psophometrically weighted
IL > 15 mA
GS = 48 dB
no
–80
–72
dBmp
Anticlipping
attack time
Vmic = 20 mV
C = 470 nF
0.5
ms
Release time
Each 3 dB overdrive
9
ms


Similar Part No. - U4050B-AFL

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U405 CALOGIC-U405 Datasheet
26Kb / 2P
   Dual N-Channel JFET Switch
logo
Linear Integrated Syste...
U405 LINEAR-U405 Datasheet
241Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET
logo
Intersil Corporation
U405 INTERSIL-U405 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Micross Components
U405 MICROSS-U405 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405 MICROSS-U405 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results

Similar Description - U4050B-AFL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34216A MOTOROLA-MC34216A Datasheet
529Kb / 20P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
   Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
Ericsson
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
   Voice - switched 2-channel Circuit with loudspeaker amplifier
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
   Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
logo
Sames
SAN2202 SAMES-SAN2202 Datasheet
81Kb / 9P
   SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
logo
Ericsson
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
logo
FSP TECHNOLOGY INC.
FSP250-60GHT FSP-FSP250-60GHT Datasheet
128Kb / 1P
   AC - line powered switching power supply with active PFC circuit
logo
STMicroelectronics
TEA7063 STMICROELECTRONICS-TEA7063 Datasheet
228Kb / 15P
   SPEECH CIRCUIT WITH POWER MANAGEMENT
January 1994
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com