Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX36 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BZX36
Description  SILICON EPITAXIAL PLANAR TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BZX36 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BZX36 Datasheet HTML 1Page - List of Unclassifed Manufacturers BZX36 Datasheet HTML 2Page - List of Unclassifed Manufacturers BZX36 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZENER DIODE
SILICON EPITAXIAL PLANAR TYPE
Features:
Very sharp reverse characteristic
Low reverse current level
Very high stability
Low noise
Available with tighter tolerances
Type
DO-35
Color Code
Black
Unit in: mm
CATHODE
MARK
0.5Max
0.5Max
Applications
Marking
Example:
P
Power dissipation
Parameter
mW
Unit
Tj
Stg
Junction temperature
T
Storage temperature range
WEB SITE:http://www.daiwahk.com
TEL: 852 23413351 FAX: 852 27978275
(
)
(
)
Voltage stabilization
Absolute Maximum Rating
=25 C
Tj
500
Value
Symbol
175
-65~175
C
C
Zener Voltage at 6.8V normal
Cathode Mark


Similar Part No. - BZX36

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
BZX36 DIOTECH-BZX36 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

Similar Description - BZX36

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com