Electronic Components Datasheet Search |
|
LD1985-3.2V Datasheet(PDF) 3 Page - Unisonic Technologies |
|
LD1985-3.2V Datasheet(HTML) 3 Page - Unisonic Technologies |
3 / 11 page UTCLD1985 LINEAR INTEGRATED CIRCUIT UTC UNISONIC TECHNOLOGIES CO., LTD. 3 QW-R102-021,B ELECTRICAL CHARACTERISTICS FOR LD1985 VO±1.0% (TJ=25℃, Vi=Vo+1V, Io=1mA, VSHDN=2V, Ci=1μF, Co=1μF, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Operating Input Voltage Vop 2.5 7 V Vi=2.5V 1.485 1.5 1.515 V Io=1 ~ 150mA 1.462 1.538 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 1.447 1.553 V Vi=2.8V 1.782 1.8 1.818 V Io=1 ~ 150mA 1.755 1.845 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 1.737 1.863 V Vi=3.5V 2.475 2.5 2.525 V Io=1 ~ 150mA 2.4375 2.5625 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 2.4125 2.5875 V Vi=3.8V 2.772 2.8 2.828 V Io=1 ~ 150mA 2.730 2.870 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 2.702 2.898 V Vi=3.85V 2.821 2.85 2.879 V Io=1 ~ 150mA 2.778 2.921 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 2.750 2.950 V Vi=4.0V 2.970 3.0 3.030 V Io=1 ~ 150mA 2.925 3.075 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 2.895 3.105 V Vi=4.1V 3.069 3.1 3.131 V Io=1 ~ 150mA 3.022 3.1775 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 2.9915 3.2085 V Vi=4.2V 3.168 3.2 3.232 V Io=1 ~ 150mA 3.120 3.280 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 3.088 3.312 V Vi=4.3V 3.267 3.3 3.333 V Io=1 ~ 150mA 3.2175 3.3825 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 3.1845 3.4155 V Vi=4.5V 3.465 3.5 3.535 V Io=1 ~ 150mA 3.412 3.587 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 3.377 3.622 V Vi=4.6V 3.564 3.6 3.636 V Io=1 ~ 150mA 3.510 3.690 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 3.474 3.726 V Vi=4.8V 3.762 3.8 3.838 V Io=1 ~ 150mA 3.705 3.895 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 3.667 3.933 V Vi=5.0V 3.96 4 4.04 V Io=1 ~ 150mA 3.9 4.1 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 3.86 4.14 V Vi=5.7V 4.653 4.7 4.747 V Io=1 ~ 150mA 4.582 4.817 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 4.5355 4.8645 V Vi=6.0V 4.95 5 5.05 V Io=1 ~ 150mA 4.875 5.125 V Output Voltage Vo Io=1 ~ 150mA, TJ=-40 ~ 125℃ 4.825 5.175 V |
Similar Part No. - LD1985-3.2V |
|
Similar Description - LD1985-3.2V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |