Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3005LD Datasheet(PDF) 3 Page - STMicroelectronics

Part # M3005LD
Description  REMOTE CONTROL TRANSMITTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3005LD Datasheet(HTML) 3 Page - STMicroelectronics

  M3005LD Datasheet HTML 1Page - STMicroelectronics M3005LD Datasheet HTML 2Page - STMicroelectronics M3005LD Datasheet HTML 3Page - STMicroelectronics M3005LD Datasheet HTML 4Page - STMicroelectronics M3005LD Datasheet HTML 5Page - STMicroelectronics M3005LD Datasheet HTML 6Page - STMicroelectronics M3005LD Datasheet HTML 7Page - STMicroelectronics M3005LD Datasheet HTML 8Page - STMicroelectronics M3005LD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REMOTE CONTROL SIGNAL OUTPUT (REMO)
The REMO signal output stage is a push-pull type.
In the HIGH state, a bipolar emitter-follower allows
a high output current. The timing of the data output
format is listed in tables 1 and 2. The information is
defined by the distance tb between the leading
edges of the flashed pulses or the first edge of the
modulated pulses (see Figure 3). The format of the
output data is given in Figures 2 and 3. The data
word starts with two toggle bits T1 and T0, followed
by three bits for defining the sub-system address
S2, S1 and S0, and six bits F, E, D, C, B and A which
are defined by the selected key.
In the modulated transmission mode the first toggle
bit is replaced by a constant reference time bit
(REF). This can be used as a reference time for the
decoding sequence. The toggle bits function is an
indication for the decoder that the next instruction
has to be considered as a new command. The
codes for the sub-system address and the selected
key are given in tables 3 and 4.
The REMO output is protected against ”Lock-up”,
i.e. the length of an output pulse is limited to < 1ms,
even if the oscillator stops during an output pulse.
This avoids the rapid discharge of the battery that
would otherwise be caused by the continuous ac-
tivation of the LED.
OSCILLATOR INPUT / OUTPUT
(OSCI and OSCO)
The external components must be connected to
these pins when using an oscillator with a ceramic
resonator. The oscillator frequency may vary be-
tween 350kHz and 600kHz as defined by the reso-
nator.
FUNCTIONAL DESCRIPTION
Keyboard operation
In the stand -by mode all drivers (DRV0N to
DRV6N) are on (low impedance to VSS). Whenever
a key is pressed, one or more of the sense inputs
(SENnN) are tied to ground. This will start the
power-up sequence. First the oscillator is activated
and after the debounce time tDB (see Figure 4) the
output drivers (DRV0N to DRV6N) become active
successively.
Within the first scan cycle the transmission mode,
the applied sub-system address and the selected
command code are sensed and loaded into an
internal data latch.
In contrast to the command code, the sub-system
is sensed only within the first scan cycle. If the
applied sub-system address is changed while the
command key is pressed, the transmitted sub-sys-
tem address is not altered.
In a multiple key stroke sequence (see Figure 5)
the command code is always altered in accordance
with the sensed key.
MULTIPLE KEY-STROKE PROTECTION
The keyboard is protected against multiple key-
strokes. If more than one key is pressed at the
same time, the circuit will not generatea new output
at REMO (see Figure 5). In case of a multiple
key-stroke, the scan repetition rate is increased to
detect the release of a key as soon as possible.
There are two restrictions caused by the special
structure of the keyboard matrix :
- The keys switching to ground (code numbers 7,
15, 23, 31, 39, 47, 55 and 63) and the keys
connectedto SEN5N and SEN6N are not covered
completely by the multiple key protection. If one
sense input is switched to ground, further keys on
the same sense line are ignored, i.e. the com-
mand code corresponding to ”key to ground” is
transmitted.
- SEN5N and SEN6N are not protected against
multiple keystroke on the same driver line, be-
cause this condition has been used for the defi-
nition of additional codes (code number 56 to 63).
OUTPUT SEQUENCE (data format)
The output operation will start when the selected
code is found. A burst of pulses, including the
latched address and command codes,is generated
at the output REMO as long as a key is pressed.
The format of the output pulse train is given in
Figures 2 and 3. The operation is terminated by
releasing the key or if more than one key is pressed
at the same time. Once a sequence is started, the
transmitted data words will always be completed
after the key is released.
The toggle bits T0 and T1 are incremented if the
key is released for a minimum time tREL (see Fig-
ure 4). The toggle bits remain unchanged within a
multiple key-stroke sequence.
M3005LAB1 - M3005LD
3/10


Similar Part No. - M3005LD

ManufacturerPart #DatasheetDescription
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
   Disk array
logo
Advanced Energy Industr...
M300 ADVANCEDENERGY-M300 Datasheet
546Kb / 4P
   MIKRON M300
logo
Harwin Plc
M300-0010045 HARWIN-M300-0010045 Datasheet
73Kb / 1P
   1mm CRIMP LARGE BORE SOCKET ASSEMBLY
M300-0020045 HARWIN-M300-0020045 Datasheet
73Kb / 1P
   1mm CRIMP LARGE BORE SOCKET ASSEMBLY
M300-2241096F2 HARWIN-M300-2241096F2 Datasheet
95Kb / 1P
   1mm CRIMP CONNECTOR DIL CRIMP HOUSING WITH POTTING WALL FEMALE ASSEMBLY
More results

Similar Description - M3005LD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
   Remote Control Transmitter
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com