Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2004-01-666.5143 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # M2004-01-666.5143
Description  Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2004-01-666.5143 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button M2004-01-666.5143 Datasheet HTML 2Page - Integrated Circuit Systems M2004-01-666.5143 Datasheet HTML 3Page - Integrated Circuit Systems M2004-01-666.5143 Datasheet HTML 4Page - Integrated Circuit Systems M2004-01-666.5143 Datasheet HTML 5Page - Integrated Circuit Systems M2004-01-666.5143 Datasheet HTML 6Page - Integrated Circuit Systems M2004-01-666.5143 Datasheet HTML 7Page - Integrated Circuit Systems M2004-01-666.5143 Datasheet HTML 8Page - Integrated Circuit Systems M2004-01-666.5143 Datasheet HTML 9Page - Integrated Circuit Systems M2004-01-666.5143 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M2004-01
Preliminary Specifications
8
Micro Networks
An Integrated Circuit Systems Company
PARAMETER MEASUREMENT INFORMATION
ODC & t
PERIOD
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
Clock Inputs
and Outputs
20%
80%
80%
20%
t
R
t
F
V
SWING
INPUT AND OUTPUT RISE AND FALL TIME
SETUP AND HOLD TIME
tHOLD
tHOLD
tSET-UP
tSET-UP
tSET-UP
S_DATA
S_CLOCK
S_LOAD
M[5:0]
N[1:0]
nP_LOAD


Similar Part No. - M2004-01-666.5143

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2004-02 ICST-M2004-02 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-02-500.0000 ICST-M2004-02-500.0000 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-02-622.0800 ICST-M2004-02-622.0800 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-02-625.0000 ICST-M2004-02-625.0000 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-02-627.3296 ICST-M2004-02-627.3296 Datasheet
1Mb / 10P
   Frequency Synthesizer
More results

Similar Description - M2004-01-666.5143

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com