Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP380 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP380
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP380 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP380 Datasheet HTML 1Page - Vishay Siliconix MKP380 Datasheet HTML 2Page - Vishay Siliconix MKP380 Datasheet HTML 3Page - Vishay Siliconix MKP380 Datasheet HTML 4Page - Vishay Siliconix MKP380 Datasheet HTML 5Page - Vishay Siliconix MKP380 Datasheet HTML 6Page - Vishay Siliconix MKP380 Datasheet HTML 7Page - Vishay Siliconix MKP380 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28136
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
3
MKP 380
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (100 VDC)
URdc = 100 V; URac = 63 V; Up-p = 180 V
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
0.018 µF
≤ C ≤ 0.027 µF
≤ 5 × 10−4
≤ 15 × 10−4
0.027 µF
< C ≤ 0.075 µF
≤ 5 × 10−4
≤ 20 × 10−4
0.075 µF
< C ≤ 0.1 µF
≤ 5 × 10−4
≤ 25 × 10−4
Rated voltage pulse slope (dU/dt)R at 100 V (DC)
80 V/
µs
R between leads for C
≤ 1.0 µF at 100 V; 1 minute
> 100000 MΩ
R between interconnected leads and case; 100 V; 1 minute
> 100000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
160 V; 1 minute
Withstanding (DC)voltage between leads and case
2840 V; 1 minute
C
(µF)
DIMENSIONS
W
× H × L
(mm)
MASS
(g)
CATALOG NUMBER 2222 380 ..... AND PACKAGING
AMMOPACK
LOOSE IN BOX
H
= 18.5 mm
lt = 4.0 + 1.0/− 0.5 mm
C-tol
=± 10 %
LAST 5 DIGITS OF
CATALOG NUMBER
SPQ
SPQ
Pitch
= 5.0 ± 0.3 mm; d
t = 0.50 ± 0.05 mm
0.018
3.5
× 8.0 × 7.2
0.35
25183
1500
2000
0.02
25203
0.022
25223
0.024
25243
0.027
25273
0.03
25303
0.033
25333
0.036
4.5
× 9.0 × 7.2
0.45
25363
1000
2000
0.039
25393
0.043
25433
0.047
25473
0.051
6.0
× 11.0 × 7.2
0.60
25513
750
2000
0.056
25563
0.062
25623
0.068
25683
0.075
25753
0.082
25823
0.091
25913
0.1
25104


Similar Part No. - MKP380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP380S ETC1-MKP380S Datasheet
111Kb / 2P
   MKP Metallized Polypropylene Film Capacitors
More results

Similar Description - MKP380

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com