Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ10B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTZJ10B
Description  Zener diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTZJ10B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTZJ10B Datasheet HTML 1Page - List of Unclassifed Manufacturers MTZJ10B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MTZJ_B Series
MTZJ2.0B
MTZJ2.2B
MTZJ2.4B
2.220
2.410
2.020
2.200
2.430
2.630
5
5
5
120
0.6
100
0.7
120
1.0
5
5
5
100
100
100
MTZJ3.0B
MTZJ3.3B
MTZJ3.6B
3.320
3.530
3.010
3.220
3.600
3.845
5
5
5
20
1.0
10
1.0
51.0
5
5
5
100
100
100
MTZJ2.7B
MTZJ4.7B
MTZJ4.3B
4.55
4.80
2.690
2.910
4.17
4.43
5
5
5
100
1.0
51.5
51.0
5
5
5
80
100
100
MTZJ3.9B
3.89
4.16
5
5
1.0
100
5
mW
175
Tj
特征 Features
·最大功率耗散500mW。
maximum power dissipation of 500 mW
·齐纳击穿阻抗低。
low zener impedance
机械数据
Mechanical Data
封装: DO-35 玻璃封装
Case: DO-35 Glass Case
极性: 色环端为负极
Polarity: Color band denotes cathode end
安装位置: 任意
Mounting Position: Any
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
存储温度
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位 Unit
·高稳定性和可靠性。
High stability and high reliability
参数
Parameter
符号
Symbols
数值
Value
功率消耗
工作结温
-50 --- +150
Pd
Ts
500
·反向漏电流小。
Low reverse leakage
型号
Type
稳压范围
Zener Voltage
测试条件
Test condition
反向特性
Reverese Current
动态电阻
Dynamic Resistance
VZ(V)
IZ(mA)
IR(µA)
测试条件
Test condition
VR(V)
rd(Ω)
最大值 MAX.
最大值 MAX.
IZ(mA)
DO-35 Glass
Unit:mm
CATHODE
MARK
max. 0.52
3.8 0.2
min. 27.5
min. 27.5
1.8 0.2
测试条件
Test condition
Power Dissipation
Operating junction temperature
Storage temperature range
最小值 MIN. 最大值 MAX.
SIYU R
大昌电子
DACHANG ELECTRONICS
- 370 -


Similar Part No. - MTZJ10B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MTZJ10B LRC-MTZJ10B Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
Rohm
MTZJ10B ROHM-MTZJ10B Datasheet
124Kb / 5P
   Zener diode
MTZJ10B ROHM-MTZJ10B Datasheet
176Kb / 5P
   Zener diode
MTZJ10B ROHM-MTZJ10B Datasheet
119Kb / 5P
   Zener diode
MTZJ10B ROHM-MTZJ10B Datasheet
54Kb / 4P
   Glass sealed envelope. (MSD), High reliability
More results

Similar Description - MTZJ10B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com