Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9705CEBC+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9705CEBC+T
Description  2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9705CEBC+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9705CEBC+T Datasheet HTML 6Page - Maxim Integrated Products MAX9705CEBC+T Datasheet HTML 7Page - Maxim Integrated Products MAX9705CEBC+T Datasheet HTML 8Page - Maxim Integrated Products MAX9705CEBC+T Datasheet HTML 9Page - Maxim Integrated Products MAX9705CEBC+T Datasheet HTML 10Page - Maxim Integrated Products MAX9705CEBC+T Datasheet HTML 11Page - Maxim Integrated Products MAX9705CEBC+T Datasheet HTML 12Page - Maxim Integrated Products MAX9705CEBC+T Datasheet HTML 13Page - Maxim Integrated Products MAX9705CEBC+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2.3W, Ultra-Low-EMI, Filterless,
Class D Audio Amplifier
10
______________________________________________________________________________________
improving EMI emissions by 5dB. Proprietary techniques
ensure that the cycle-to-cycle variation of the switching
period does not degrade audio reproduction or efficiency
(see the Typical Operating Characteristics). Select SSM
mode by setting SYNC = VDD. In SSM mode, the switch-
ing frequency varies randomly by ±120kHz around the
center frequency (1.22MHz). The modulation scheme
remains the same, but the period of the sawtooth wave-
form changes from cycle to cycle (Figure 2). Instead of a
large amount of spectral energy present at multiples of
the switching frequency, the energy is now spread over a
bandwidth that increases with frequency. Above a few
megahertz, the wideband spectrum looks like white noise
for EMI purposes (see the EMI Spectrum Diagram).
External Clock Mode
The SYNC input allows the MAX9705 to be synchronized
to a system clock moving the spectral components of the
switching harmonics to insensitive frequency bands.
Applying an external TTL clock of 800kHz to 2MHz to
SYNC synchronizes the switching frequency of the
MAX9705. The period of the SYNC clock can be ran-
domized, enabling the MAX9705 to be synchronized to
another MAX9705 operating in SSM mode.
Filterless Modulation/Common-Mode Idle
The MAX9705 uses Maxim’s unique, patented modula-
tion scheme that eliminates the LC filter required by
traditional Class D amplifiers, improving efficiency,
reducing component count, and conserving board
Figure 1. MAX9705 Outputs with an Input Signal Applied
OUT+
OUT-
VIN-
VIN+
VOUT+ - VOUT-
tON(MIN)
tSW
SYNC INPUT
MODE
GND
FFM with fS = 1100kHz
FLOAT
FFM with fS = 1450kHz
VDD
SSM with fS = 1220kHz
±120kHz
Clocked
FFM with fS = external clock frequency
Table 1. Operating Modes


Similar Part No. - MAX9705CEBC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705AEBC+T MAXIM-MAX9705AEBC+T Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705AETB+T MAXIM-MAX9705AETB+T Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705BEBC+T MAXIM-MAX9705BEBC+T Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705BETB+T MAXIM-MAX9705BETB+T Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
More results

Similar Description - MAX9705CEBC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
   4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Maxim Integrated Produc...
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com