Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6325CYSP5B-4.6 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6325CYSP5B-4.6
Description  Reset Circuit with Manual Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325CYSP5B-4.6 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6325CYSP5B-4.6 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325CYSP5B-4.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325CYSP5B-4.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325CYSP5B-4.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325CYSP5B-4.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325CYSP5B-4.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325CYSP5B-4.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325CYSP5B-4.6 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Electrical Characteristics (continued)
Unless otherwise specified: VDD= 0.9V to 5.5V, TA=-40°C to +125° C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
EM6325C
155
200
224
EM6325A
0.7
1.6
3.8
EM6325B
19.4
25
28
Reset timeout period
tPOR
(note 2 and 4)
VDD from 0V to VTH (typ)+15%
TA= +25°C
EM6325D
1240
1600
1792
ms
Propagation delay time
VDD to RESET (RESET) delay
tP
VDD drops from VTH (typ)+0.2V to VTH (typ)-0.2V
(note 2). TA= +25°C
2
130
255
μs
VDD>1V
IOL=100μA
-
-
0.3
VDD>2.5V
IOL=1.5mA
-
-
0.3
Open-drain RESET output
Voltage
VOL
VDD>5V
IOL=3mA
-
-
0.35
V
VDD>1V
IOL=100μA
-
-
0.3
VDD>2.5V
IOL=1.5mA
-
-
0.3
VOL
VDD>5V
IOL=3mA
-
-
0.35
VDD>1V
IOH=-30μA
0.8
-
-
VDD>2.5V
IOH=-1.5mA
2
-
-
Push-pull RESET / RESET
Output voltage
VOH
VDD>5V
IOH=-3mA
4
-
-
V
Output leakage current
ILEAK
Only for EM6325_Y (open-drain)
-
-
0.5
μA
MANUAL RESET (
MR )
MR Input low
VMRT low
0.3VDD
V
MR Input high
VMRT high
0.7VDD
V
MR to Reset delay
tMD
0.3
μs
Pulse width at MR (note 5)
tPMD
TA= +25°C
1
μs
MR Internal Pull-up resistor
RMR
TA=-40°C to +125°C
4.8
15
31
k
Ω
Note 1:
Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
Note 2: RESET (RESET)
open.
Note 4:
Standard version for tPOR is 200ms (typ), available at all times. Other option (1.6ms, 25ms, 1600ms) are available
by mask option and upon minimum order quantity. Please contact EM sales.
Note 5:
Pulse width must be greater than 1
μs to ensure the RESET (RESET) to go active.


Similar Part No. - EM6325CYSP5B-4.6

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6325CYSP5B-4.6

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com