Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6325-1.7 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6325-1.7
Description  Reset Circuit with Manual Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325-1.7 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6325-1.7 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325-1.7 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325-1.7 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325-1.7 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325-1.7 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325-1.7 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325-1.7 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325-1.7 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Timing Waveforms
Note 6:
tSEN = Maximum Transient Duration. Please refer to figure on the next page.
Note 7:
Overdrive = VTH -VDD. Please refer to figure on the next page.
Manual Reset Input
A logic low on MR asserts a reset. Reset remains asserted while MR is low, and for tPOR (200ms nominal for EM6325C) after
it returns high. MR has an internal 15k
Ω pull-up resistor, so it can be left open if unused. This input can be driven with
CMOS logic levels or with open-drain outputs. Connect a normally open momentary switch from MR to VSS to create a
manual-reset function; debounce circuitry is integrated. If MR is driven from long cable or the device is used in a noisy
environment, connect a 0.1
μF capacitor from MR to VSS to provide additional noise immunity (stronger external additional
pull-up resistor can also be added).
V
DD
0.8V
V
TH
t
t
logic "1"
logic "0"
t
SEN
t
logic "1"
logic "0"
RESET
t
POR
t
MD
V
HYS
RESET
Overdrive
logic "1"
logic "0"
MR
t
PMD
t
t
POR
t
P


Similar Part No. - EM6325-1.7

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6325-1.7

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com