Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59628864405VXXA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 59628864405VXXA
Description  MIL-STD-1553A/B Bus Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

59628864405VXXA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 59628864405VXXA Datasheet HTML 3Page - List of Unclassifed Manufacturers 59628864405VXXA Datasheet HTML 4Page - List of Unclassifed Manufacturers 59628864405VXXA Datasheet HTML 5Page - List of Unclassifed Manufacturers 59628864405VXXA Datasheet HTML 6Page - List of Unclassifed Manufacturers 59628864405VXXA Datasheet HTML 7Page - List of Unclassifed Manufacturers 59628864405VXXA Datasheet HTML 8Page - List of Unclassifed Manufacturers 59628864405VXXA Datasheet HTML 9Page - List of Unclassifed Manufacturers 59628864405VXXA Datasheet HTML 10Page - List of Unclassifed Manufacturers 59628864405VXXA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
20 FT MAX
Figure 5. Bus Coupling Configuration
OPERATION
55 OHMS
55 OHMS
1 FT MAX
SHORT-STUB
DIRECT COUPLING
LONG-STUB
TRANSFORMER COUPLING
1:1.4
OPERATION
55 OHMS
55 OHMS
1 FT MAX
20 FT MAX
SHORT-STUB
DIRECT COUPLING
LONG-STUB
TRANSFORMER COUPLING
1.4:1
2:1
1:1.4
1.2:1
1.66:1
Note:
ZO defined per MIL-STD-1553B in section 4.5.1.5.2.1.
± 15V
DC
± 12V
DC
ZO
.75ZO
.75ZO
ZO
.75ZO
.75ZO


Similar Part No. - 59628864405VXXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
596288565012A AD-596288565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
596288565012A AD-596288565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
596288565012A AD-596288565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
596288565013A AD-596288565013A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
596288565013A AD-596288565013A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results

Similar Description - 59628864405VXXA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT63M147 AEROFLEX-UT63M147 Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
MMD Components
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
   MIL-STD-883 Level B
logo
Aeroflex Circuit Techno...
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com