Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6325B Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6325B
Description  Reset Circuit with Manual Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325B Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

  EM6325B Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325B Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325B Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325B Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325B Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325B Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325B Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325B Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
NOTE:
All dimensions are in millimeters
Dimensions are inclusive of plating
Dimensions are exclusive of mold flash & metal burr
All specifications comply to EIAJ SC70
Even though the width of pin 2 on SC70-4L is slightly larger than on so-
called 4-pin SC-82AB, the footprint of SC70-4L package is compatible
with the footprint of SC-82AB package from other suppliers, and thus
suitable for pin-to-pin replacement. Please check footprint on PCB.
L
Q1
c
E
D
e
HE
b1
PIN 1
A
A1
A2
SYMBOL
MIN
MAX
e
e1
D1.80
2.20
b0.15
0.30
b1
0.575
0.70
E1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A0.80
1.10
c0.10
0.18
L0.10
0.30
0.65 BSC
0.5 BSC
b
e
e1
SC70-4L
Traceability for small packages
Due to the limited space on the package surface, the bottom marking contains a limited number of characters that provide only partial
information for lot traceability. Full information for complete traceability is however provided on the packing labels of the product at
delivery from EM. It is highly recommended that the customer insures full lot traceability of EM product in his final product.
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in the Company's
standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site. EM assumes no responsibility for
any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without
notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual
property of EM are granted in connection with the sale of EM products, expressly or by implications. EM's products are not authorized for
use as components in life support devices or systems.
Product qualification is performed according to internal EM quality standards for industrial products. For any special requirement (eg. automotive grade) please
contact EM Microelectronic-Marin S.A.
©
EM Microelectronic-Marin SA, 05/05, Rev. I


Similar Part No. - EM6325B

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6325B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com