Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M15G1002 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M15G1002
Description  Multilayer Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M15G1002 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M15G1002 Datasheet HTML 1Page - List of Unclassifed Manufacturers M15G1002 Datasheet HTML 2Page - List of Unclassifed Manufacturers M15G1002 Datasheet HTML 3Page - List of Unclassifed Manufacturers M15G1002 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
158
Mallory Products for CDE/6325 Digital Way/Indianapolis IN 46278/Phone: (317)275-2285/Fax: (317)275-2293/www.cornell-dubilier.com
M15 to M50 Series
Multilayer Ceramic Capacitors
COG (NPO) Temperature Coefficient
100 VDC
Capacity
Size
(Inches)
L
H
T
S
Catalog
Number
Capacity
Size
(Inches)
L
H
T
S
Catalog
Number
Size
(Inches)
L
H
T
S
Catalog
Number
X7R Temperature Coefficient
200 VDC
Capacity
Size
(Inches)
L
H
T
S
Catalog
Number
Capacity
Size
(Inches)
L
H
T
S
Catalog
Number
Capacity
Size
(Inches)
L
H
T
S
Catalog
Number
120 pF
.150
.210
.100
.100
M15G121*1
150 pF
.150
.210
.100
.100
M15G151*1
180 pF
.150
.210
.100
.100
M15G181*1
220 pF
.150
.210
.100
.100
M15G221*1
270 pF
.150
.210
.100
.100
M15G271*1
330 pF
.150
.210
.100
.100
M15G331*1
390 pF
.150
.210
.100
.100
M15G391*1
470 pF
.150
.210
.100
.100
M15G471*1
560 pF
.150
.210
.100
.100
M15G561*1
680 pF
.150
.210
.100
.100
M15G681*1
680 pF
.200
.260
.125
.100
M20G681*1
680 pF
.200
.260
.125
.200
M22G681*1
820 pF
.150
.210
.100
.100
M15G821*1
820 pF
.200
.260
.125
.100
M20G821*1
820 pF
.200
.260
.125
.200
M22G821*1
1000 pF
.150
.210
.100
.100
M15G102*1
1000 pF
.200
.260
.125
.100
M20G102*1
1000 pF
.200
.260
.125
.200
M22G102*1
1200 pF
.200
.260
.125
.100
M20G122*1
1200 pF
.200
.260
.125
.200
M22G122*1
1500 pF
.200
.260
.125
.100
M20G152*1
1500 pF
.200
.260
.125
.200
M22G152*1
1800 pF
.200
.260
.125
.100
M20G182*1
1800 pF
.200
.260
.125
.200
M22G182*1
2200 pF
.200
.260
.125
.100
M20G222*1
2200 pF
.200
.260
.125
.200
M22G222*1
2700 pF
.200
.260
.125
.100
M20G272*1
2700 pF
.200
.260
.125
.200
M22G272*1
3300 pF
.200
.260
.125
.100
M20G332*1
3300 pF
.200
.260
.125
.200
M22G332*1
3300 pF
.300
.360
.150
.200
M30G332*1
3900 pF
.200
.260
.125
.100
M20G392*1
3900 pF
.200
.260
.125
.200
M22G392*1
3900 pF
.300
.360
.150
.200
M30G392*1
4700 pF
.200
.260
.125
.100
M20G472*1
4700 pF
.200
.260
.125
.200
M22G472*1
4700 pF
.300
.360
.150
.200
M30G472*1
5600 pF
.200
.260
.125
.100
M20G562*1
5600 pF
.200
.260
.125
.200
M22G562*1
5600 pF
.300
.360
.150
.200
M30G562*1
6800 pF
.300
.360
.150
.200
M30G682*1
8200 pF
.300
.360
.150
.200
M30G822*1
.01 uF
.300
.360
.150
.200
M30G103*1
.012 uF
.300
.360
.150
.200
M30G123*1
.015 uF
.300
.360
.150
.200
M30G153*1
.018 uF
.300
.360
.150
.200
M30G183*1
.022 uF
.300
.360
.150
.200
M30G223*1
.027 uF
.300
.360
.150
.200
M30G273*1
.027 uF
.400
.460
.150
.200
M40G273*1
.033 uF
.400
.460
.150
.200
M40G333*1
.039 uF
.400
.460
.150
.200
M40G393*1
.039 uF
.500
.560
.200
.400
M50G393*1
.047 uF
.400
.460
.150
.200
M40G473*1
.047 uF
.500
.560
.200
.400
M50G473*1
.056 uF
.400
.460
.150
.200
M40G563*1
.056 uF
.500
.560
.200
.400
M50G563*1
.068 uF
.400
.460
.150
.200
M40G683*1
.068 uF
.500
.560
.200
.400
M50G683*1
.082 uF
.500
.560
.200
.400
M50G823*1
.1 uF
.500
.560
.200
.400
M50G104*1
.12 uF
.500
.560
.200
.400
M50G124*1
100 pF
.150
.210
.100
.100
M15R101*2
120 pF
.150
.210
.100
.100
M15R121*2
150 pF
.150
.210
.100
.100
M15R151*2
180 pF
.150
.210
.100
.100
M15R181*2
220 pF
.150
.210
.100
.100
M15R221*2
270 pF
.150
.210
.100
.100
M15R271*2
330 pF
.150
.210
.100
.100
M15R331*2
390 pF
.150
.210
.100
.100
M15R391*2
470 pF
.150
.210
.100
.100
M15R471*2
560 pF
.150
.210
.100
.100
M15R561*2
680 pF
.150
.210
.100
.100
M15R681*2
820 pF
.150
.210
.100
.100
M15R821*2
1000 pF
.150
.210
.100
.100
M15R102*2
1000 pF
.200
.260
.125
.100
M20R102*2
1000 pF
.200
.260
.125
.200
M22R102*2
1200 pF
.150
.210
.100
.100
M15R122*2
1200 pF
.200
.260
.125
.100
M20R122*2
1200 pF
.200
.260
.125
.200
M22R122*2
1500 pF
.150
.210
.100
.100
M15R152*2
1500 pF
.200
.260
.125
.100
M20R152*2
1500 pF
.200
.260
.125
.200
M22R152*2
1800 pF
.150
.210
.100
.100
M15R182*2
1800 pF
.200
.260
.125
.100
M20R182*2
1800 pF
.200
.260
.125
.200
M22R182*2
2200 pF
.150
.210
.100
.100
M15R222*2
2200 pF
.200
.260
.125
.100
M20R222*2
2200 pF
.200
.260
.125
.200
M22R222*2
2700 pF
.200
.260
.125
.100
M20R272*2
2700 pF
.200
.260
.125
.200
M22R272*2
3300 pF
.200
.260
.125
.100
M20R332*2
3300 pF
.200
.260
.125
.200
M22R332*2
3900 pF
.200
.260
.125
.100
M20R392*2
3900 pF
.200
.260
.125
.200
M22R392*2
4700 pF
.200
.260
.125
.100
M20R472*2
4700 pF
.200
.260
.125
.200
M22R472*2
5600 pF
.200
.260
.125
.100
M20R562*2
5600 pF
.200
.260
.125
.200
M22R562*2
6800 pF
.200
.260
.125
.100
M20R682*2
6800 pF
.200
.260
.125
.200
M22R682*2
8200 pF
.200
.260
.125
.100
M20R822*2
8200 pF
.200
.260
.125
.200
M22R822*2
.01 uF
.200
.260
.125
.100
M20R103*2
.01 uF
.200
.260
.125
.200
M22R103*2
.012 uF
.200
.260
.125
.100
M20R123*2
.012 uF
.200
.260
.125
.200
M22R123*2
.015 uF
.200
.260
.125
.100
M20R153*2
.015 uF
.200
.260
.125
.200
M22R153*2
.015 uF
.300
.360
.150
.200
M30R153*2
.018 uF
.200
.260
.125
.100
M20R183*2
.018 uF
.200
.260
.125
.200
M22R183*2
.018 uF
.300
.360
.150
.200
M30R183*2
.022 uF
.200
.260
.125
.100
M20R223*2
.022 uF
.200
.260
.125
.200
M22R223*2
.022 uF
.300
.360
.150
.200
M30R223*2
.027 uF
.300
.360
.150
.200
M30R273*2
.033 uF
.300
.360
.150
.200
M30R333*2
.039 uF
.300
.360
.150
.200
M30R393*2
.047 uF
.300
.360
.150
.200
M30R473*2
.056 uF
.300
.360
.150
.200
M30R563*2
.068 uF
.300
.360
.150
.200
M30R683*2
.082 uF
.300
.360
.150
.200
M30R823*2
.082 uF
.400
.460
.150
.200
M40R823*2
.1 uF
.300
.360
.150
.200
M30R104*2
.1 uF
.400
.460
.150
.200
M40R104*2
.12 uF
.400
.460
.150
.200
M40R124*2
.15 uF
.400
.460
.150
.200
M40R154*2
.18 uF
.400
.460
.150
.200
M40R184*2
.22 uF
.400
.460
.150
.200
M40R224*2
.22 uF
.500
.560
.200
.400
M50R224*2
.27 uF
.400
.460
.150
.200
M40R274*2
.27 uF
.500
.560
.200
.400
M50R274*2
.33 uF
.500
.560
.200
.400
M50R334*2
.39 uF
.500
.560
.200
.400
M50R394*2
.47 uF
.500
.560
.200
.400
M50R474*2
Add 'TR' to end of part number for Tape & Reel
M15, M20, M22 - 2,500 per reel
M30 - 1,500 per reel
M40 - 1,000 per reel
M50 - N/A
(Available in full reels only)
* Insert proper letter symbol for tolerance:
K =
10%, M =
20%
* Insert proper letter symbol for tolerance:
F=
1%,
G =
2%, J =
5%,
K =
10%
Capacity


Similar Part No. - M15G1002

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15G1002-F CDE-M15G1002-F Datasheet
298Kb / 5P
   Multilayer Ceramic Capacitors COG (NPO). X7R & Z5U Capacitors
More results

Similar Description - M15G1002

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com