Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2541 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2541
Description  HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2541 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2541 Datasheet HTML 1Page - Texas Instruments UCC2541 Datasheet HTML 2Page - Texas Instruments UCC2541 Datasheet HTML 3Page - Texas Instruments UCC2541 Datasheet HTML 4Page - Texas Instruments UCC2541 Datasheet HTML 5Page - Texas Instruments UCC2541 Datasheet HTML 6Page - Texas Instruments UCC2541 Datasheet HTML 7Page - Texas Instruments UCC2541 Datasheet HTML 8Page - Texas Instruments UCC2541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
UCC2541
SLUS621A − AUGUST 2004 − SEPTEMBER 2005
3
www.ti.com
ORDERING INFORMATION
TA = TJ
HTSSOP−20 (PWP)(1)
QFN−32 (RHB)(1)
TA = TJ
Bulk
Bulk
−40
°C to +105°C
UCC2541PWP
UCC2541RHB
(1) The PWP and RHB packages are also available at 73 devices per tube and taped and reeled at
3,000 devices per reel. Add an R suffix to the device type (i.e., UCC2541PWPR). See
the application section of the data sheet for PowerPAD drawing and layout information.
CONNECTION DIAGRAM
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RSET
REF
G2C
SYNCIN
RAMP
GND
VEA−
CEA−
COMP
TR
SWS
BST
G1
SW
VDD
PGND
G2
VDRV
G2S
SS
PWP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
RSET
VREF
G2C
SYNCIN
RAMP
GND
VEA−
CEA−
G1
G1
SW
VDD
PGND
PGND
G2
G2
RHB PACKAGE
(TOP VIEW)
NC − No internal connection
NOTE: The PowerPAD
t is not directly connected to any lead of the package, but is thermally connected to the substrate of the device. The
exposed dimension is 1.3 mm x 1.7 mm for the PWP package and 3.25 mm x 3.25 mm for the RHB package. However, the tolerances
can be +1.05 mm / −0.05 mm (+41 mils / −2 mils) due to position and mold flow variation.
THERMAL INFORMATION
PACKAGE
FAMILY
PACKAGE
DESIGNATOR
θJA (°C/W)
(with PowerPAD)
θJC (°C/W)
(without PowerPAD)
θJC (°C/W)
(with PowerPAD)
MAXIMUM DIE
TEMPERATURE
PowerPAD
HTSSOP−20
PWP
22.3 to 32.6
(500 to 0 LFM)
19.9
1.4
125
°C
Quad Flatpack
QFN−32
RHB
22.3 to 32.6
(500 to 0 LFM)
19.9
1.4
125
°C


Similar Part No. - UCC2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI1-UCC2541 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWP TI1-UCC2541PWP Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPR TI1-UCC2541PWPR Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPRG4 TI1-UCC2541PWPRG4 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541RHB TI1-UCC2541RHB Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com