Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC04240 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HC04240
Description  Breake Away Header .025(0.64mm) Square Posts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HC04240 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HC04240 Datasheet HTML 1Page - List of Unclassifed Manufacturers HC04240 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - HC04240

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
HC0450A03 YANTEL-HC0450A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0465L03 YANTEL-HC0465L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0480A03 YANTEL-HC0480A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
logo
ON Semiconductor
HC04A ONSEMI-HC04A Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
More results

Similar Description - HC04240

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103577-1 MACOM-6-103577-1 Datasheet
133Kb / 1P
   ASSEMBLY, BANDOLIER, .100 CL, .025 SQUARE POSTS
1-103577-1 MACOM-1-103577-1 Datasheet
133Kb / 1P
   ASSEMBLY, BANDOLIER, .100 CL, .025 SQUARE POSTS
6-103765-1 MACOM-6-103765-1 Datasheet
152Kb / 1P
   ASSEMBLY, MOD II, HEADER, BREAKAWAY, SINGLE ROW, RIGHT ANGLE 100, WITH .025 SQUARE POSTS
logo
Molex Electronics Ltd.
0345860001 MOLEX4-0345860001 Datasheet
105Kb / 2P
   MX123??0.64mm (.025") Grommet Seal Plug
logo
Tyco Electronics
87227-1 MACOM-87227-1 Datasheet
104Kb / 1P
   ASSEMBLY, MOD II, HEADER, DOUBLE ROW, .100 X .100 CL, VERTICAL, .025 SQUARE POSTS
6-103759-1 MACOM-6-103759-1 Datasheet
144Kb / 1P
   ASSEMBLY, MOD II, HEADER, BREAKAWAY, SINGLE ROW, RIGHT ANGLE 100CL, WITH .025 SQUARE POSTS
2-102976-5 MACOM-2-102976-5 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
6-103323-0 MACOM-6-103323-0 Datasheet
209Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, .100, RIGHT ANGLE, WITH .025 SQUARE POSTS
3-103321-6 MACOM-3-103321-6 Datasheet
154Kb / 1P
   ASSEMBLY, HEADER, BREAKAWAY, MOD II, SINGLE ROW, .100 C/L, VERTICAL, WITH .025 SQUARE POSTS
1-102692-3 MACOM-1-102692-3 Datasheet
210Kb / 1P
   HEADER ASSEMBLY, MOD II, .100.100CL, .025 SQ POSTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com