Electronic Components Datasheet Search |
|
EVQPAC07K Datasheet(PDF) 6 Page - Panasonic Semiconductor |
|
EVQPAC07K Datasheet(HTML) 6 Page - Panasonic Semiconductor |
6 / 7 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Light Touch Switches/5N Type A B A B P Q 6.0 ±0.3 f3.6 2- f1.00 ±0.05 f4.0 ±0.3 0.3 max. Circuit diagram Recommended PWB piercing plan (Pitch tolerance: ±0.1) View from mounting side JIS C0806-2 shall be applied to the items not specified here. 1.0 max. 1.0 max. 0.3 12.7 ±1.0 12.7 ±0.3 0.8 0.6 0.5 3.85 ±0.70 5.0 +0.8 –0.2 1.3 max. 1.3 max. EE' 6.35 ±0.70 Adhesive tape Adhesive tape shall not extend beyond base paper. P Q The direction of or side is randomly settled. E-E' Section ■ Dimensions in mm (not to scale) Part Numbers Operating Force H=Height Push Plate Color Operating Life EVQ21304M 1.0 N 4.3 mm White 100000 cycles EVQ21305R 1.0 N 5.0 mm Red 100000 cycles EVQ21307K 1.0 N 7.0 mm Black 100000 cycles EVQ21309K 1.0 N 9.5 mm Black 100000 cycles EVQ21404M 1.3 N 4.3 mm White 100000 cycles EVQ21405R 1.3 N 5.0 mm Red 100000 cycles EVQ21407K 1.3 N 7.0 mm Black 100000 cycles EVQ21409K 1.3 N 9.5 mm Black 100000 cycles EVQ21504M 1.6 N 4.3 mm White 100000 cycles EVQ21505R 1.6 N 5.0 mm Red 100000 cycles EVQ21507K 1.6 N 7.0 mm Black 100000 cycles EVQ21509K 1.6 N 9.5 mm Black 100000 cycles EVQ22704M 2.6 N 4.3 mm White 50000 cycles EVQ22705R 2.6 N 5.0 mm Red 50000 cycles EVQ22707K 2.6 N 7.0 mm Black 50000 cycles EVQ22709K 2.6 N 9.5 mm Black 50000 cycles Japan Malaysia China EVQ2 (Radial Taping) Top-push With ground terminal 2-terminal type Without ground terminal No. 4 Mar. 2005 |
Similar Part No. - EVQPAC07K |
|
Similar Description - EVQPAC07K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |