Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFA81R00C471 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NFA81R00C471
Description  NFA81R00C220
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NFA81R00C471 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NFA81R00C471 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
53
插入损耗(dB)
50Ω无负载系统测试
型号
额定
电压
VDC
额定
电流
A
静电
容量
pF
电路数
1
MHz
10
MHz
100
MHz
1000
MHz
绝缘
电阻
温度
范围
NFA81R00C220
0.3
22
0
0
0
14
NFA81R00C470
0.3
47
0
0
2
20
NFA81R00C101
0.3
100
0
0
6
32
NFA81R00C471
0.2
470
0
2
18
40
NFA81R10C102
0.2
1000
0
6
24
42
NFA81R10C222
0.2
2200
0
12
30
36
NFA81R10C223
50
0.3
22000
8
10
30
58
38
-55~+125
NFA41R00C220
0.2
22
0
0
0
14
NFA41R00C470
0.2
47
0
0
2
20
NFA41R00C101
0.2
100
0
0
6
32
NFA41R00C471
50
0.2
470
0
2
18
40
NFA41R10C102
0.2
1000
0
6
24
42
NFA41R10C222
0.2
2200
0
12
30
36
NFA41R10C223
0.2
22000
10
30
58
38
NFA41R10C104
0.2
100000
4
25
44
50
40
1000
以上
-55~+85


Similar Part No. - NFA81R00C471

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFA ONSEMI-NFA Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
logo
Fluke Corporation
NFA-LC-SINGLE FLUKE-NFA-LC-SINGLE Datasheet
696Kb / 11P
   SimpliFiber® Pro
Rev: 01/02/2018
NFA-SC-SINGLE FLUKE-NFA-SC-SINGLE Datasheet
696Kb / 11P
   SimpliFiber® Pro
Rev: 01/02/2018
NFA-ST-SINGLE FLUKE-NFA-ST-SINGLE Datasheet
696Kb / 11P
   SimpliFiber® Pro
Rev: 01/02/2018
logo
Murata Power Solutions ...
NFA0051330B0-XC MURATA-PS-NFA0051330B0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com