Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3015NC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APL3015NC
Description  3.0 x 1.5mm SURFACE MOUNT LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APL3015NC Datasheet(HTML) 1 Page - Kingbright Corporation

  APL3015NC Datasheet HTML 1Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - APL3015NC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APL3015CGCK KINGBRIGHT-APL3015CGCK Datasheet
96Kb / 4P
   3.0mmx1.5mm SMD CHIP LED LAMP
APL3015CGCK-F01 KINGBRIGHT-APL3015CGCK-F01 Datasheet
275Kb / 5P
   3.0mmx1.5mm SMD CHIP LED LAMP
APL3015EC KINGBRIGHT-APL3015EC Datasheet
109Kb / 5P
   3.0x1.5mm SMD CHIP LED LAMPS
APL3015EC-F01 KINGBRIGHT-APL3015EC-F01 Datasheet
276Kb / 5P
   3.0mmx1.5mm SMD CHIP LED LAMP
APL3015F3C KINGBRIGHT-APL3015F3C Datasheet
436Kb / 4P
   F3 Made with Gallium Arsenide Infrared Emitting diodes.
More results

Similar Description - APL3015NC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX1106SOC-TR LUMEX-SML-LX1106SOC-TR Datasheet
85Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED
SML-LX1106USBC-TR LUMEX-SML-LX1106USBC-TR Datasheet
87Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED
SML-LX1106SUGC-TR LUMEX-SML-LX1106SUGC-TR Datasheet
85Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED
SML-LX1106UPGC-TR LUMEX-SML-LX1106UPGC-TR Datasheet
87Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED
SML-LX1106SIC-TR LUMEX-SML-LX1106SIC-TR Datasheet
84Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED
SML-LXL1106SIC-TR LUMEX-SML-LXL1106SIC-TR Datasheet
97Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED WITH LENS
SML-LXL1106GC-TR LUMEX-SML-LXL1106GC-TR_17 Datasheet
140Kb / 1P
   3mm X 1.5mm Surface Mount Led With Lens
SML-LX1204USBCRATR LUMEX-SML-LX1204USBCRATR_17 Datasheet
435Kb / 2P
   3mm X 1.5mm Surface Mount
SML-LXL1106GC-TR LUMEX-SML-LXL1106GC-TR Datasheet
87Kb / 1P
   3mm x 1.5mm SURFACE MOUNT LED WITH LENS
SML-LXL1106SYC-TR LUMEX-SML-LXL1106SYC-TR_17 Datasheet
139Kb / 1P
   3mm X 1.5mm Surface Mount Led With Lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com