Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPBD05R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQPBD05R
Description  5N Type Light Touch Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPBD05R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQPBD05R Datasheet HTML 1Page - Panasonic Semiconductor EVQPBD05R Datasheet HTML 2Page - Panasonic Semiconductor EVQPBD05R Datasheet HTML 3Page - Panasonic Semiconductor EVQPBD05R Datasheet HTML 4Page - Panasonic Semiconductor EVQPBD05R Datasheet HTML 5Page - Panasonic Semiconductor EVQPBD05R Datasheet HTML 6Page - Panasonic Semiconductor EVQPBD05R Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Light Touch Switches/5N Type
E
1
V
2
Q
3
4
567
8
Height
9
Push Plate Color
4th, 5th
Type
5N Type
PA, PB
PF, 2
PC
5N Type Light Touch Switches
Type:
EVQPA/EVQPB/EVQPF
EVQ2/EVQPC
Features
6.0 mm 6.0 mm square, body thickness 3.2 mm
Travel 0.25 mm (clear click feeling)
Wide selection with or without ground terminal, top-push
or side-operation type with snap-in terminals available
Wave soldering applicable
Japan
Malaysia
China
Broad product range meets a variety of needs
Explanation of Part Numbers
Recommended Applications
Operation button switches for audio/visual, OA,
communication equipment, measurement instruments
Product Chart
=In production
Operating
Force
Positioning Pin
Ground Terminal
Top-push Type
Side-operation Type
4.3 mm 5.0 mm 7.0 mm 9.5 mm 3.15 mm 3.85 mm 5.85 mm 8.35 mm
1.0 N
Without
positioning pin
With
ground terminal
Without
ground terminal
————
1.3 N
Without
positioning pin
With
ground terminal
Without
ground terminal
————
1.6 N
Without
positioning pin
With
ground terminal
Without
ground terminal
————
2.6 N
Without
positioning pin
With
ground terminal
Without
ground terminal
————
Sep. 2005


Similar Part No. - EVQPBD05R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPBD05R PANASONIC-EVQPBD05R Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQPBD05R PANASONIC-EVQPBD05R Datasheet
86Kb / 3P
   5N Type Light Touch Switches
More results

Similar Description - EVQPBD05R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPA PANASONIC-EVQPA Datasheet
86Kb / 3P
   5N Type Light Touch Switches
EVQ-PAD04M PANASONIC-EVQ-PAD04M Datasheet
86Kb / 3P
   5N Type Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ2 PANASONIC-EVQ2_10 Datasheet
120Kb / 2P
   5N Type 2R Light Touch Switches
EVQ-PF206K PANASONIC-EVQ-PF206K Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQPF PANASONIC-EVQPF Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQ-PC105K PANASONIC-EVQ-PC105K Datasheet
86Kb / 2P
   5N Type Side-operational 4R Light Touch Switches
EVQPF003M PANASONIC-EVQPF003M_12 Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches Wealth of product types: Horizontal type
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com