Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6VA25616-TI Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS6VA25616-TI
Description  2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6VA25616-TI Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS6VA25616-TI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6VA25616-TI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6VA25616-TI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6VA25616-TI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6VA25616-TI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6VA25616-TI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6VA25616-TI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6VA25616-TI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6VA25616-TI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
AS6VA25616
10/6/00
ALLIANCE SEMICONDUCTOR
7
Typical DC and AC characteristics
Package diagrams and dimensions
Supply voltage (V)
1.7
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current
Supply Voltage (V)
0.0
0.25
0.5
0.75
1.0
Normalized access time
vs. supply voltage
vs. supply voltage
Ambient temperature (°C)
55
105
25
0.5
1.0
0.0
1.5
2.0
2.5
Normalized standby current
vs. ambient temperature
VCC = VCC typ
Supply voltage (V)
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized standby current
vs. supply voltage
ISB2
Supply voltage (V)
0.10
0.50
1.0
1.5
Normalized ICC
vs. Cycle Time
2.2
2.7
3.2
3.7
1.7
2.2
2.7
3.2
3.7
TA = 25° C
3.0
0.5
VIN = VCC typ
1
5
10
15
11.9
2.8
3.7
VIN = VCC typ
TA = 25° C
VIN = VCC typ
TA = 25° C
VCC = 3.3V
TA = 25° C
44-pin TSOP II
Min (mm)
Max
(mm)
A1.2
A1
0.05
A2
0.95
1.05
b
0.25
0.45
c
0.15 (typical)
d
18.28
18.54
e
10.06
10.26
He
11.56
11.96
E
0.80 (typical)
l
0.40
0.60
d
He
123 4567 8 9 10 11 12 13 14
44 43 42 41 40 39 38 37 36 35 34 33 32 31
15 16
30 29
17 18 19 20
28 27 26 25
c
l
A1
A2
E
44-pin TSOP II
0–5°
21
24
22
23
e
A
b


Similar Part No. - AS6VA25616-TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
   2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
AS6VA5128-BC ETC-AS6VA5128-BC Datasheet
151Kb / 9P
   2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
AS6VA5128-BI ETC-AS6VA5128-BI Datasheet
151Kb / 9P
   2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
More results

Similar Description - AS6VA25616-TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
   2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
AS6UA25616 ETC-AS6UA25616 Datasheet
190Kb / 9P
   2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
logo
List of Unclassifed Man...
AS6WA25616 ETC1-AS6WA25616 Datasheet
215Kb / 9P
   3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com