Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSA1943FR Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA1943FR
Description  PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1943FR Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA1943FR Datasheet HTML 1Page - Continental Device India Limited CSA1943FR Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CSA1943F
TO-3P
POWER AMPLIFIER APPLICATIONS.
Complementary CSC5200F
MAXIMUM RATINGS(Ta=25 deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
160
V
Collector -Emitter Voltage
VCEO
160
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current
IC
12
A
Base Current
IB
1.2
A
Power Dissipation @ Tc=25 deg C
PC
90
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector-Cuttoff Current
ICBO
VCB=160V, IE=0
-
-
5.0
uA
Emitter-Cuttoff Current
IEBO
VEB=5V, IC=0
-
-
5.0
uA
Collector -Emitter Voltage
VCEO
IC=50mA, IB=0
160
-
-
V
DC Current Gain
hFE
IC=1A,VCE=5V
55
-
160
IC=7A,VCE=5V
35
-
-
Collector Emitter Saturation Voltage
VCE(Sat) IC=8A, IB=0.8A
-
-
3.0
V
Base Emitter on Voltage
VBE(on) IC=7A,VCE=5V
-
-
1.5
V
Transition Frequency
ft
VCE=5V, IC=1A
-
30
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
360
-
pF
f=1MHz
*hFE Classification
:
R : 55-110,
O : 80-160
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 2


Similar Part No. - CSA1943FR

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA1012 CDIL-CSA1012 Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012O CDIL-CSA1012O Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
CSA1012Y CDIL-CSA1012Y Datasheet
77Kb / 3P
   PNP, NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSA1012Y RECTRON-CSA1012Y Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSA1013 CDIL-CSA1013 Datasheet
41Kb / 2P
   PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA1943FR

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFB1342 CDIL-CFB1342 Datasheet
86Kb / 2P
   PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFB810 CDIL-CFB810 Datasheet
47Kb / 2P
   PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CP1342 CDIL-CP1342 Datasheet
115Kb / 3P
   PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CP107 CDIL-CP107 Datasheet
119Kb / 3P
   PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFB612 CDIL-CFB612 Datasheet
86Kb / 2P
   PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CP1016 CDIL-CP1016 Datasheet
67Kb / 2P
   PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CSB1272 CDIL-CSB1272 Datasheet
70Kb / 2P
   PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CSB810 CDIL-CSB810 Datasheet
138Kb / 3P
   PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com