Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9020-CTV Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS9020-CTV
Description  Serial Digital Video Input Processor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS9020-CTV Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS9020-CTV Datasheet HTML 1Page - List of Unclassifed Manufacturers GS9020-CTV Datasheet HTML 2Page - List of Unclassifed Manufacturers GS9020-CTV Datasheet HTML 3Page - List of Unclassifed Manufacturers GS9020-CTV Datasheet HTML 4Page - List of Unclassifed Manufacturers GS9020-CTV Datasheet HTML 5Page - List of Unclassifed Manufacturers GS9020-CTV Datasheet HTML 6Page - List of Unclassifed Manufacturers GS9020-CTV Datasheet HTML 7Page - List of Unclassifed Manufacturers GS9020-CTV Datasheet HTML 8Page - List of Unclassifed Manufacturers GS9020-CTV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
521 - 66 - 05
5
27
A/D
I
Parallel port address/data bus control. When HIGH, the parallel port is used for address input.
When LOW, the parallel port is used for data input or output. In I²C mode, this pin must be set
LOW.
28
CS
I
Parallel port chip select. When CS is LOW and R/W is HIGH, the GS9020 drives the address/
data bus. When CS is LOW and R/W is LOW, the user should drive the address/data bus.
When CS is HIGH, the address/data bus is in a high impedance state (Hi - Z). In I²C mode, this
pin must be set HIGH.
31
RESET
I
Reset. When LOW, the internal control circuitry is reset.
32 - 35
STD[3:0]
O
Video standards indication as described in section 1.4
36 - 40
FL[4:0]
I/O
EDH flag data port to allow access to the EDH flags.
41, 42
S[1:0]
I/O
Control bits which select whether FF, AP, or ANC EDH flags are active on the EDH flag data
port (FL[4:0]). In FLAG_MAP mode, the S[1:0] pins become outputs (see device description).
43
F_R/W
I
Flag port read/write control. When HIGH, FL[4:0] are configured as outputs allowing EDH flags
to be read from the device. When LOW, FL[4:0] are configured as inputs allowing EDH flags to
be overwritten in the outgoing EDH packet. In FLAG_MAP mode this pin must be set HIGH.
44
INTERRUPT
O
Interrupt output. This output goes low when EDH errors occur. This pin is an open drain output
and requires an external pullup resistor. If this output is not used, a pullup resistor is not
required.
45
FLYWDIS
I
Flywheel disable. When HIGH, the internal flywheel is disabled. When LOW, the internal
flywheel is enabled.
46
NO_EDH
O
No EDH present indication. When HIGH, indicates EDH packets are not present in the
incoming data stream.
47
FIFO_RESET
O
FIFO Reset output. Asserted LOW during the TRSID word for composite standards and the
EAV or SAV word for component standards.
48
PCLKOUT
O
Parallel clock output.
52-60,49
DOUT[9:0]
O
Parallel digital video data outputs.
61
V
O
Vertical sync indication.
62
H
O
Horizontal sync indication.
63 - 65
F[2:0]
O
Field indication. F2 is the MSB.
66
FLAG_MAP
I
FLAG_MAP mode enable. When HIGH, FLAG_MAP mode is enabled.
When LOW, FLAG_MAP mode is disabled.
70, 71
SDO/SDO
O
Differential serial data outputs.
73
VBLANKS/L
I
Vertical blanking interval control. For NTSC signals, when VBLANKS/L is set LOW the 19 line
blanking interval is selected and when set HIGH the 9 line blanking interval is selected. For
PAL D2 signals, when VBLANKS/L is set LOW the 17 line blanking interval is selected and
when set HIGH the 7 line blanking interval is selected. For PAL component signals VBLANKS/L
should be set LOW.
74
BYPASS_EDH
I
Bypass EDH control. When HIGH, the device allows the EDH packet to pass through
unaltered.
75
SDOMODE
I
Serial data output control. When LOW, the serial data output is re-serialized processed data.
When HIGH, the serial data output is the looped through serial input. After changing
SDOMODE, the GS9020 must be reset for proper operation.
76
BLANK_EN
I
Blanking enable. When LOW, incoming data words are set to appropriate blanking levels.
77
ANC_CHKSM
I
Ancillary checksum updating enable. When HIGH, ancillary checksum updating is enabled.
PIN DESCRIPTIONS
NUMBER
SYMBOL
TYPE
DESCRIPTION


Similar Part No. - GS9020-CTV

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9020ACFV GENNUM-GS9020ACFV Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9020ACFVE3 GENNUM-GS9020ACFVE3 Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9020ACTV GENNUM-GS9020ACTV Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9020ACTVE3 GENNUM-GS9020ACTVE3 Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
More results

Similar Description - GS9020-CTV

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
logo
Silicon image
SII504 SILICONIMAGE-SII504 Datasheet
4Mb / 2P
   Digital Video Processor
logo
NXP Semiconductors
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
   Quadruple video input processor
Rev. 01-21 April 2005
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
NXP Semiconductors
SAA7113H PHILIPS-SAA7113H Datasheet
279Kb / 80P
   9-bit video input processor
1999 Jul 01
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com