Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1423 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD1423
Description  Silicon NPN epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1423 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1423 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1423 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1423, 2SD1423A
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
160
40
120
80
140
20
100
60
0
500
400
300
200
100
Ambient temperature Ta (˚C)
012
10
8
26
4
0
1200
1000
800
600
400
200
Ta=25˚C
I
B=10mA
7mA
6mA
9mA
8mA
5mA
4mA
3mA
2mA
1mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
300
250
200
150
100
50
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
160
120
40
100
140
80
20
60
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
10
8
6
4
2
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)


Similar Part No. - 2SD1423

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1420 HITACHI-2SD1420 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD1420 RENESAS-2SD1420 Datasheet
153Kb / 8P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1420 KEXIN-2SD1420 Datasheet
51Kb / 1P
   NPN Silicon epitaxial Transistor
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD1421 RENESAS-2SD1421 Datasheet
190Kb / 6P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD1423

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820 PANASONIC-2SD1820 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com