Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCP021205U Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DCP021205U
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP021205U Datasheet(HTML) 1 Page - Texas Instruments

  DCP021205U Datasheet HTML 1Page - Texas Instruments DCP021205U Datasheet HTML 2Page - Texas Instruments DCP021205U Datasheet HTML 3Page - Texas Instruments DCP021205U Datasheet HTML 4Page - Texas Instruments DCP021205U Datasheet HTML 5Page - Texas Instruments DCP021205U Datasheet HTML 6Page - Texas Instruments DCP021205U Datasheet HTML 7Page - Texas Instruments DCP021205U Datasheet HTML 8Page - Texas Instruments DCP021205U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DCP02
DCP02
1
FEATURES
DESCRIPTION
APPLICATIONS
I
BIAS
Power
Stage
V
OUT
Divide-by-2
Reset
800kHz
Oscillator
Watchdog/
Startup
PSU
Thermal
Shutdown
SYNC/DISABLE
V
S
0V
PowerControllerIC
0V
DCP02 Series
SBVS011K – MARCH 2000 – REVISED FEBRUARY 2008
www.ti.com
Miniature, 2W, Isolated
UNREGULATED DC/DC CONVERTERS
2
• Up To 89% Efficiency
The DCP02 series is a family of 2W, isolated,
unregulated DC/DC converters. Requiring a minimum
• Thermal Protection
of external components and including on-chip device
• Device-to-Device Synchronization
protection, the DCP02 series provides extra features
• SO-28 Power Density of 106W/in3 (6.5W/cm3 )
such as output disable and synchronization of
• EN55022 Class B EMC Performance
switching frequencies.
• UL1950 Recognized Component
The use of a highly integrated package design results
in highly reliable products with power densities of
• JEDEC 14-Pin and SO-28 Packages
79W/in3
(4.8W/cm3)
for
DIP-14,
and
106W/in3
(6.5W/cm3) for SO-28. This combination of features
and small size makes the DCP02 suitable for a wide
• Point-of-Use Power Conversion
range of applications.
• Ground Loop Elimination
• Data Acquisition
• Industrial Control and Instrumentation
• Test Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DCP021205U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP021205U TI-DCP021205U Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021205U TI1-DCP021205U Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021205U TI1-DCP021205U Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021205U TI1-DCP021205U Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
DCP021205U/1K TI-DCP021205U/1K Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP021205U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020503 TI1-DCP020503 Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com