Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2734V Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2734V
Description  Full-Swing Input and Output type Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2734V Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM2734V Datasheet HTML 2Page - New Japan Radio NJM2734V Datasheet HTML 3Page - New Japan Radio NJM2734V Datasheet HTML 4Page - New Japan Radio NJM2734V Datasheet HTML 5Page - New Japan Radio NJM2734V Datasheet HTML 6Page - New Japan Radio NJM2734V Datasheet HTML 7Page - New Japan Radio NJM2734V Datasheet HTML 8Page - New Japan Radio NJM2734V Datasheet HTML 9Page - New Japan Radio NJM2734V Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NJM2734
- 6 -
Ver.2005-01-26
■ Typical Characteristics
Supply Voltage Rejection Ratio
vs. Ambient Temperature
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
Ambient Temperature [
oC]
V
+=4V to 6V
V+=1.8V to 2.4V
V
+=2.4V to 4V
GV=0dB
Common Mode Rejection Ratio
vs. Ambient Temperature
50
55
60
65
70
75
80
85
90
-50
-25
0
255075
100
125
Ambient Temperature [
oC]
V
+=5V
V+/2
≤≤≤≤VICM≤≤≤≤V
+
V+=1.8V
V
+=3V
Common Mode Rejection ratio
vs. Ambient Temperature
50
55
60
65
70
75
80
85
90
-50
-25
0
255075
100
125
Ambient Temperature [
oC]
V+=5V
0V
≤≤≤≤VICM≤≤≤≤V
+/2
V
+=1.8V
V
+=3V
Input Offset Voltage
vs. Common Mode Input Voltage
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
-1.5
-1
-0.5
0
0.5
11.5
Common Mode Input Voltage [V]
V
+/V-=±0.9V
Ta=+85
oC
Ta=+25oC
Ta=-40
oC
Input Offset Voltage
vs. Common Mode Input Voltage
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
-3
-2
-1
0
1
23
Common Mode Input Voltage [V]
Ta=+85oC
Ta=+25
oC
Ta=-40
oC
V
+/V-=±1.5V
Input Offset Voltage
vs. Common Mode Input Voltage
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
-3
-2
-1
0
1
23
Common Mode Input Voltage [V]
Ta=+85
oC
Ta=+25
oC
Ta=-40
oC
V
+/V-=±2.5V


Similar Part No. - NJM2734V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2734 NJRC-NJM2734 Datasheet
1Mb / 18P
   14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
   Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
More results

Similar Description - NJM2734V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
NJU7044 NJRC-NJU7044 Datasheet
113Kb / 5P
   Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
NJM2747 NJRC-NJM2747 Datasheet
116Kb / 3P
   Single Supply Quad Operational Amplifier with Full Swing Output
logo
Rohm
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com