Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7353PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7353PWR
Description  3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7353PWR Datasheet(HTML) 3 Page - Texas Instruments

  THS7353PWR Datasheet HTML 1Page - Texas Instruments THS7353PWR Datasheet HTML 2Page - Texas Instruments THS7353PWR Datasheet HTML 3Page - Texas Instruments THS7353PWR Datasheet HTML 4Page - Texas Instruments THS7353PWR Datasheet HTML 5Page - Texas Instruments THS7353PWR Datasheet HTML 6Page - Texas Instruments THS7353PWR Datasheet HTML 7Page - Texas Instruments THS7353PWR Datasheet HTML 8Page - Texas Instruments THS7353PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
www.ti.com
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS, V
S+ = 3.3 V
THS7353
SLOS484 – NOVEMBER 2005
POWER RATING(1)
θ
JC
θ
JA
(TJ = 125°C)
PACKAGE
(
°C/W)
(
°C/W)
TA = 25°C
TA = 85°C
TSSOP – 20 (PW)
32.3
83(2)
1.2 W
0.48 W
(1)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion starts to substantially increase and
long-term reliability starts to be reduced. Thermal management of the final PCB should strive to keep the junction temperature at or
below 125
°C for best performance and reliability.
(2)
This data was taken with the JEDEC High-K test PCB. For the JEDEC low-K test PCB, the
θ
JA is 125.8°C.
MIN
NOM
MAX
UNIT
VSS
Supply voltage, VS+
2.7
5
V
TA
Ambient temperature
–40
85
°C
R
L = 150 Ω to GND, Filter Select = 9 MHz, Input Bias = dc, Gain Adjust pin shorted to the output pin (unless otherwise noted)
TYP
OVERTEMPERATURE
PARAMETER
TEST CONDITIONS
–40
°C to
25
°C
25
°C
0
°C to 70°C
UNITS
MIN/MAX
85
°C
AC PERFORMANCE
Filter Select = 9 MHz(1)
9
7.6/10.4
7.4/10.6
7.3/10.7
MHz
Min/Max
Filter Select = 16 MHz(1)
16
13.4/18.6
13.1/18.9
13/19
MHz
Min/Max
Small-signal bandwidth
(–3 dB) VO– 0.2 VPP
Filter Select = 35 MHz(1)
35
26.9/40.6
26.6/40.9
26.5/41
MHz
Min/Max
Filter Select = Bypass
150
MHz
Filter Select = 9 MHz
9
MHz
Filter Select = 16 MHz
16
MHz
Large-signal bandwidth
(–3 dB) VO– 1 VPP
Filter Select = 35 MHz
35
MHz
Filter Select = Bypass
100
MHz
Slew rate
Filter Select = Bypass: 2 VPP
300
V/
µs
Filter Select = 9 MHz
53.5
ns
Filter Select = 16 MHz
31
ns
Group delay at 100 kHz
Filter Select = 35 MHz
17.2
ns
Filter Select = Bypass
3.25
ns
Filter Select = 9 MHz: at 5.1 MHz
10.3
ns
Group delay variation with
Filter Select = 16 MHz: at 11 MHz
7.5
ns
respect to 100 kHz
Filter Select = 35 MHz: at 27 MHz
4.7
ns
Group delay matching
All filters: channel-to-channel
0.5
ns
Filter Select = 9 MHz: at 5.75 MHz
0.25
-0.3/1.2
-0.5/1.4
-0.6/1.5
dB
Min/Max
Filter Select = 9 MHz: at 27 MHz
43
33
32
31
dB
Min
Filter Select = 16 MHz: at 11 MHz
0.35
-0.4/1.2
-0.6/1.4
-0.7/1.5
dB
Min/Max
Attenuation with respect to
100 kHz
Filter Select = 16 MHz: at 54 MHz
47
35
34
33
dB
Min
Filter Select = 35 MHz: at 27 MHz
0.75
-0.5/3.2
-0.6/3.4
-0.7/3.5
dB
Min/Max
Filter Select = 35 MHz: at 74 MHz
29
13
12
11
dB
Min
Mute feed thru
Filter Select = Bypass: at 30 MHz
-73
dB
Differential gain
Filter Select = 9 MHz: NTSC/PAL
0.15%/0.22%
Differential phase
Filter Select = 9 MHz: NTSC/PAL
0.3
°/0.36°
Filter Select = 9 MHz
–59
dB
Filter Select = 16 MHz
–58
dB
Total harmonic distortion
f = 1 MHz, 1 VPP
Filter Select = 35 MHz
–55
dB
Filter Select = Bypass
–59
dB
(1)
The Min/Max values listed are specified by design only.
3


Similar Part No. - THS7353PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7353PWR TI1-THS7353PWR Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353PWRG4 TI1-THS7353PWRG4 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
More results

Similar Description - THS7353PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
BCD Semiconductor Manuf...
AA4006 BCDSEMI-AA4006 Datasheet
433Kb / 2P
   2.7W stereo audio power Amplifier with 4 Selectable Gain Setups and Input Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com