Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6475368SCP Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HD6475368SCP
Description  H8/536 Emulator PC Interface
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HD6475368SCP Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HD6475368SCP Datasheet HTML 7Page - Agilent(Hewlett-Packard) HD6475368SCP Datasheet HTML 8Page - Agilent(Hewlett-Packard) HD6475368SCP Datasheet HTML 9Page - Agilent(Hewlett-Packard) HD6475368SCP Datasheet HTML 10Page - Agilent(Hewlett-Packard) HD6475368SCP Datasheet HTML 11Page - Agilent(Hewlett-Packard) HD6475368SCP Datasheet HTML 12Page - Agilent(Hewlett-Packard) HD6475368SCP Datasheet HTML 13Page - Agilent(Hewlett-Packard) HD6475368SCP Datasheet HTML 14Page - Agilent(Hewlett-Packard) HD6475368SCP Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-1
Accessing the Emulator Configuration Options . . . . . . . . . . . 4-2
Internal Emulator Clock? . . . . . . . . . . . . . . . . . . . . . . . 4-3
Enable Real-Time Mode?
. . . . . . . . . . . . . . . . . . . . . . 4-3
Enable Breaks on Writes to ROM? . . . . . . . . . . . . . . . . . . 4-5
Enable Software Breakpoints? . . . . . . . . . . . . . . . . . . . . 4-6
Enable CMB Interaction? . . . . . . . . . . . . . . . . . . . . . . . 4-7
Enable Bus Arbitration? . . . . . . . . . . . . . . . . . . . . . . . 4-8
Drive Background Cycles to Target? . . . . . . . . . . . . . . . . . 4-9
Enable NMI Input from Target? . . . . . . . . . . . . . . . . . . 4-10
Enable /RES Input from Target? . . . . . . . . . . . . . . . . . . 4-11
Drive Emulation Reset to Target? . . . . . . . . . . . . . . . . . 4-12
Trace Bus Release Cycles? . . . . . . . . . . . . . . . . . . . . . 4-12
Processor type
. . . . . . . . . . . . . . . . . . . . . . . . . . . 4-13
Processor Operation Mode . . . . . . . . . . . . . . . . . . . . . 4-13
Monitor Type . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-14
Foreground Monitor Address . . . . . . . . . . . . . . . . . . . . 4-15
Reset Value for Stack Pointer? . . . . . . . . . . . . . . . . . . . 4-16
Storing an Emulator Configuration . . . . . . . . . . . . . . . . . 4-17
Loading an Emulator Configuration . . . . . . . . . . . . . . . . 4-17
5
Using the Emulator
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-1
Making Coordinated Measurements . . . . . . . . . . . . . . . . . 5-2
Running the Emulator at /EXECUTE . . . . . . . . . . . . . . . 5-3
Breaking on the Analyzer Trigger
. . . . . . . . . . . . . . . . 5-3
Storing Memory Contents to an Absolute File . . . . . . . . . . . . 5-5
Accessing Target System with E clock synchronous instruction . . 5-5
Register Names and Classes . . . . . . . . . . . . . . . . . . . . . 5-6
Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-6
* (Basic) Class . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-6
sys Class . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-7
intc Class
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-7
dtc Class . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-7
port Class . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-8
frt1 Class . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-8
frt2 Class . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-9
frt3 Class . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-9
tmr Class . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-9
pwm1 Class . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-9
pwm2 Class . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-10
Contents-13


Similar Part No. - HD6475368SCP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6475368SCP HITACHI-HD6475368SCP Datasheet
1Mb / 487P
   Single-Chip Microcomputer
More results

Similar Description - HD6475368SCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8-300 ETC2-H8-300 Datasheet
646Kb / 53P
   In-Circuit Emulator for Renesas H8/300 and H8/500
logo
Renesas Technology Corp
RH850F1L RENESAS-RH850F1L Datasheet
360Kb / 16P
   Emulator
logo
Mitsubishi Electric Sem...
M5K4164AL-12 MITSUBISHI-M5K4164AL-12 Datasheet
854Kb / 11P
   65 536 BIT DYNAMIC RAM
logo
Renesas Technology Corp
R20UT0616EJ0902 RENESAS-R20UT0616EJ0902 Datasheet
71Kb / 6P
   E1 Emulator
logo
Zilog, Inc.
Z8ICE001ZEM ZILOG-Z8ICE001ZEM Datasheet
126Kb / 7P
   Z8PLUS EMULATOR
logo
Renesas Technology Corp
HD6433694 RENESAS-HD6433694 Datasheet
2Mb / 432P
   16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
logo
Switchcraft, Inc.
BPJR01 SWITCH-BPJR01 Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
logo
Renesas Technology Corp
RTE0T00020KCAC1000J RENESAS-RTE0T00020KCAC1000J Datasheet
299Kb / 4P
   User-system Interface Cable for the E2 Emulator(20-10 pins)
Rev.1.00 Oct 16, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com