Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62392FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M62392FP
Description  8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62392FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62392FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62392FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62392FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62392FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62392FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62392FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62392FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
(
/ 7 )
MITSUBISHI ELECTRIC
1997-5-27C.rev
MITSUBISHI <Dig./Ana. INTERFACE>
M62392P,FP
8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
GENERAL DESCRIPTION
The M62392P,FP is a CMOS 12-channel D-A converter
with output buffer amplifiers.
It can communicate with a microcontroller via few wiring
thanks to the adoption of the two-line I2C BUS.
The output buffer amplifier employs AB class output with
sinking and sourcing capability of more than 1.0mA , and
an output voltage range is nearly between ground and
VrefU.
Maximum 8 ICs can be connected to a bus by using three
chip-select pins, so that it is possible to handle up to 96
channels.
FEATURES
I2C-bus serial data method
Wide output voltage range
Nearly between ground and VrefU (0~5V)
High output current drive capability
over ±1.0mA
2 setting voltage ranges by dual input pins
for upper voltage references (VrefU1,U2)
Conversion from digital data to analog control data for both consumer and industrial equipment.
Gain control and automatic adjustment of DISPLAY-MONITOR or CTV.
APPLICATION
Outline
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
R
SCL
SDA
VrefL
Ao7
Ao8
Ao9
Ao10
GND
VrefU1
CS0
CS1
CS2
VDD
Ao6
Ao5
Ao4
Ao3
VCC
VrefU2
21
22
23
24
Ao11
Ao12
Ao2
Ao1
PIN CONFIGURATION (TOP VIEW)
24P4D(P)
24P2N-B(FP)
BLOCK DIAGRAM
1
CHIP SELECT
8bit Latch
8bit upper
segment R-2R
8
8bit Latch
8bit upper
segment R-2R
SCL SDA
VrefL
Ao7
Ao8
Ao9
Ao10
Ao11
Ao12
GND
VrefU1
VrefU2
Ao1
Ao2
Ao3
Ao4
Ao5
Ao6
VDD
CS2
CS1
CS0
R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
8bit Latch
8bit upper
segment R-2R
2
3
1
4
5
6
7
8
9
12
11
13
Vcc
20
14
15
16
17
18
19
21
22
23
24
10


Similar Part No. - M62392FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62392FP RENESAS-M62392FP Datasheet
137Kb / 9P
   8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
More results

Similar Description - M62392FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
   8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P Datasheet
137Kb / 9P
   8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com