Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZD1521AA Datasheet(PDF) 8 Page - Integral Corp.

Part # IZD1521AA
Description  CMOS DOT MATRIX LCD DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZD1521AA Datasheet(HTML) 8 Page - Integral Corp.

Back Button IZD1521AA Datasheet HTML 4Page - Integral Corp. IZD1521AA Datasheet HTML 5Page - Integral Corp. IZD1521AA Datasheet HTML 6Page - Integral Corp. IZD1521AA Datasheet HTML 7Page - Integral Corp. IZD1521AA Datasheet HTML 8Page - Integral Corp. IZD1521AA Datasheet HTML 9Page - Integral Corp. IZD1521AA Datasheet HTML 10Page - Integral Corp. IZD1521AA Datasheet HTML 11Page - Integral Corp. IZD1521AA Datasheet HTML 12Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CMOS DOT MATRIX LCD DRIVER
IZD1520
8
TERMINAL DESCRIPTION
Terminal Name
Function
D0
÷ D7
Data I/O
A0
Select display data or functions.
HIGH: Display data
LOW : Instructions
RES
Resets the system and selects the interface type for a 68-port/80-port MPU
HIGH: 68-port MPU interface
LOW : 80-port MPU interface
CS
Input. Active low. Effective for an external clock operation model only.
OSC1
Chip Select input
LOW : Active level sensing
E
(RD)
Read/Write Enable signal when a 68-port MPU is connected.
(Active LOW Read Enable signal when an 80-port MPU is connected)
R/W
(WR)
Read/Write Select signal when a 68-port MPU is connected.
HIGH: Read Select
LOW : Write Select
(Active LOW Write Enable input when an 80-port MPU is connected Rising edge sensing)
CL
Input. Effective for an external clock operation model only.
OSC2
External clock input (only effective with external clock types)
FR
LCD Frame (AC- conversion) signal input/output
SEGn
Segment output for driving the LCD
COMn
Common output for driving the LCD
M/S
Master/Slave Select signal
VDD
5V power supply
VSS
0V power supply (GND level)
V1, V2, V3, V4, V5
Power supplies for driving the LCD. VDD
≥ V
1
≥ V
2
≥ V
3
≥ V
4
≥ V
5


Similar Part No. - IZD1521AA

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZD1521AA INTEGRAL-IZD1521AA Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

Similar Description - IZD1521AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1278 ETC-SED1278 Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
logo
NEC
UPD7227 NEC-UPD7227 Datasheet
286Kb / 7P
   CMOS, Intelligent, Dot-Matrix LCD Controller/Driver
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
   Dot Matrix LCD Driver?
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
   Dot Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
   DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com