Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-235C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPS-235C
Description  Phototransistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPS-235C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPS-235C Datasheet HTML 1Page - List of Unclassifed Manufacturers SPS-235C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SPS-235C

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2310-CXX0G OPTOWAY-SPS-2310-CXX0G Datasheet
172Kb / 5P
   3.3V / CWDM/ 10.3 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-23100AWG OPTOWAY-SPS-23100AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100AWG OPTOWAY-SPS-23100AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100AWG OPTOWAY-SPS-23100AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100BWG OPTOWAY-SPS-23100BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-235C

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2829 HAMAMATSU-S2829 Datasheet
83Kb / 2P
   Phototransistor Subminiature package phototransistor
logo
List of Unclassifed Man...
OPT6794 ETC1-OPT6794 Datasheet
71Kb / 1P
   Phototransistor
logo
Kingbright Corporation
AM4457P3C KINGBRIGHT-AM4457P3C Datasheet
190Kb / 4P
   PHOTOTRANSISTOR
logo
Siemens Semiconductor G...
LPT85A SIEMENS-LPT85A Datasheet
63Kb / 2P
   PHOTOTRANSISTOR
logo
Lite-On Technology Corp...
LTE-4206 LITEON-LTE-4206_1 Datasheet
108Kb / 3P
   PHOTOTRANSISTOR
logo
Kingbright Corporation
WP3DP3BT-BD-P22 KINGBRIGHT-WP3DP3BT-BD-P22 Datasheet
663Kb / 4P
   Phototransistor
logo
Siemens Semiconductor G...
BPX43 SIEMENS-BPX43 Datasheet
119Kb / 2P
   PHOTOTRANSISTOR
BPX38 SIEMENS-BPX38 Datasheet
131Kb / 2P
   PHOTOTRANSISTOR
logo
Sharp Corporation
PT100MF1MP1 SHARP-PT100MF1MP1 Datasheet
396Kb / 10P
   Phototransistor
PT480E00000F SHARP-PT480E00000F Datasheet
551Kb / 9P
   Phototransistor
logo
Kingbright Corporation
KM-4457P3C KINGBRIGHT-KM-4457P3C Datasheet
391Kb / 2P
   PHOTOTRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com