Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1480 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD1480
Description  Silicon NPN triple diffusion planar type(For power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1480 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1480 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1480 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SD1480
PC —Ta
IC —VCE
IC —VBE
VCE(sat) —IC
hFE —IC
fT —IC
Area of safe operation (ASO)
Rth(t) —t
0
150
125
100
25
75
50
0
40
30
10
25
35
20
5
15
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2.0W)
(1)
(2)
(3)
(4)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
5
4
3
2
1
T
C=25˚C
I
B=100mA
80mA
50mA
40mA
30mA
20mA
10mA
5mA
1mA
Collector to emitter voltage V
CE
(V)
03.0
2.5
2.0
0.5
1.5
1.0
0
6
5
4
3
2
1
V
CE=4V
T
C=100˚C
25˚C
–25˚C
Base to emitter voltage V
BE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=4V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
V
CE=10V
f=1MHz
T
C=25˚C
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
t=10ms
1ms
DC
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
102
(1) Without heat sink
(2) With a 100
× 100 × 2mm Al heat sink
(1)
(2)
Time t (s)


Similar Part No. - 2SD1480

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1480 ISC-2SD1480 Datasheet
253Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SD1480

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2374 PANASONIC-2SD2374 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1253 PANASONIC-2SD1253 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1263 PANASONIC-2SD1263 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com