Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5760-600 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-5760-600
Description  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5760-600 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5760-600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Group A
Parameter
Symbol
Conditions
Subgroup
Min.
Typ.*
Max.
Units
Fig.
Note
Propagation Delay
Time to Logic Low
tPHL
RL =1.8 k
Ω, C
L = 15 pF
9, 10, 11
4
20
µs
6, 11
Output Level
6, 7
Propagation Delay
Time to Logic High
tPLH
RL =1.8 k
Ω, C
L = 15 pF
9, 10, 11
8
40
µs
6, 12
Output Level
Logic High Common
VCM = 50 V
TA = 25
°C
9
1000
≥ 10,000
Mode Transient
|CMH|IIN = 0 mA
V/
µs
Immunity
VCM = 450 V
≥ 10,000
13,
8
14,
Logic Low Common
VCM = 50 V
TA = 25
°C
9
1000
≥ 5,000
17
Mode Transient
|CML|IIN = 4 mA
V/
µs
Immunity
VCM = 250 V
≥ 5,000
*All typical values are at TA = 25
°C, V
CC = 5 V unless otherwise noted.
Electrical Characteristics T
A
= -55
°C to 125°C, VCC = 5.0 V, unless otherwise specified (continued).
Figure 1. Typical Transfer Characteristics.
Figure 2. Typical dc Threshold Levels vs. Temperature.


Similar Part No. - HCPL-5760-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-5760-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com