Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2432SI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HN58X2432SI
Description  Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2432SI Datasheet(HTML) 2 Page - Renesas Technology Corp

  HN58X2432SI Datasheet HTML 1Page - Renesas Technology Corp HN58X2432SI Datasheet HTML 2Page - Renesas Technology Corp HN58X2432SI Datasheet HTML 3Page - Renesas Technology Corp HN58X2432SI Datasheet HTML 4Page - Renesas Technology Corp HN58X2432SI Datasheet HTML 5Page - Renesas Technology Corp HN58X2432SI Datasheet HTML 6Page - Renesas Technology Corp HN58X2432SI Datasheet HTML 7Page - Renesas Technology Corp HN58X2432SI Datasheet HTML 8Page - Renesas Technology Corp HN58X2432SI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
HN58X2432SI/HN58X2464SI
Rev.2.00, Jan.11.2005, page 2 of 20
• Small size packages: TSSOP-8pin, SOP-8pin
• Shipping tape and reel
 TSSOP 8-pin: 3,000 IC/reel
 SOP 8-pin: 2,500 IC/reel
• Temperature range: −40 to +85°C
• Lead free products.
Note: 1. I
2C is a trademark of Philips Corporation.
Ordering Information
Type No.
Internal organization Operating voltage
Frequency Package
HN58X2432SFPIE
32k bit (4096
× 8-bit) 1.8 V to 5.5 V
400 kHz
150 mil 8-pin plastic SOP
(FP-8DBV)
HN58X2464SFPIE
64k bit (8192
× 8-bit)
Lead free
HN58X2432STIE
32k bit (4096
× 8-bit) 1.8 V to 5.5 V
400 kHz
8-pin plastic TSSOP
(TTP-8DAV)
HN58X2464STIE
64k bit (8192
× 8-bit)
Lead free
Pin Arrangement
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP
SCL
SDA
(Top view)
8-pin TSSOP
8-pin SOP


Similar Part No. - HN58X2432SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2432SI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
Renesas Technology Corp
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_11 Datasheet
154Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com