Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP58D Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100EP58D
Description  3.3V / 5V ECL 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP58D Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EP58D Datasheet HTML 1Page - ON Semiconductor MC100EP58D Datasheet HTML 2Page - ON Semiconductor MC100EP58D Datasheet HTML 3Page - ON Semiconductor MC100EP58D Datasheet HTML 4Page - ON Semiconductor MC100EP58D Datasheet HTML 5Page - ON Semiconductor MC100EP58D Datasheet HTML 6Page - ON Semiconductor MC100EP58D Datasheet HTML 7Page - ON Semiconductor MC100EP58D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EP58, MC100EP58
http://onsemi.com
3
10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 3.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
37
20
30
39
22
31
40
mA
VOH
Output HIGH Voltage (Note 4.)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage (Note 4.)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage (Single Ended)
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage (Single Ended)
1365
1690
1460
1755
1490
1815
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to –2.2 V.
4. All loading with 50 ohms to VCC–2.0 volts.
10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 5.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
37
20
30
39
22
31
40
mA
VOH
Output HIGH Voltage (Note 6.)
3865
3990
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage (Note 6.)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage (Single Ended)
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage (Single Ended)
3065
3390
3130
3455
3190
3515
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
5. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to –0.5 V.
6. All loading with 50 ohms to VCC–2.0 volts.
10EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = –5.5 V to –3.0 V (Note 7.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
37
20
30
39
22
31
40
mA
VOH
Output HIGH Voltage (Note 8.)
–1135
–1010
–885
–1070
–945
–820
–1010
–885
–760
mV
VOL
Output LOW Voltage (Note 8.)
–1935
–1810
–1685
–1870
–1745
–1620
–1810
–1685
–1560
mV
VIH
Input HIGH Voltage (Single Ended)
–1210
–885
–1145
–820
–1085
–760
mV
VIL
Input LOW Voltage (Single Ended)
–1935
–1610
–1870
–1545
–1810
–1485
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
7. Input and output parameters vary 1:1 with VCC.
8. All loading with 50 ohms to VCC–2.0 volts.


Similar Part No. - MC100EP58D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP58D ONSEMI-MC100EP58D Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58D ONSEMI-MC100EP58D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP58DG ONSEMI-MC100EP58DG Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58DG ONSEMI-MC100EP58DG Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
MC100EP58DR2 ONSEMI-MC100EP58DR2 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
More results

Similar Description - MC100EP58D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com