Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT125PCQB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT125PCQB
Description  Quad Buffer with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT125PCQB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74ACT125PCQB Datasheet HTML 1Page - National Semiconductor (TI) 74ACT125PCQB Datasheet HTML 2Page - National Semiconductor (TI) 74ACT125PCQB Datasheet HTML 3Page - National Semiconductor (TI) 74ACT125PCQB Datasheet HTML 4Page - National Semiconductor (TI) 74ACT125PCQB Datasheet HTML 5Page - National Semiconductor (TI) 74ACT125PCQB Datasheet HTML 6Page - National Semiconductor (TI) 74ACT125PCQB Datasheet HTML 7Page - National Semiconductor (TI) 74ACT125PCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74AC
54AC
74AC
VCC
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
33
10
65
90
10
100
ns
Data to Output
50
10
55
70
10
75
tPHL
Propagation Delay
33
10
65
90
10
100
ns
Data to Output
50
10
50
70
10
75
tPZH
Output Enable Time
33
10
60
105
10
110
ns
50
10
50
70
10
80
tPZL
Output Enable Time
33
10
75
100
10
110
ns
50
10
55
80
10
85
tPHZ
Output Disable Time
33
10
75
100
10
105
ns
50
10
65
90
10
95
tPLZ
Output Disable Time
33
10
75
105
10
115
ns
50
10
65
90
10
95
Voltage Range 33 is 33V g03V
Voltage Range 50 is 50V g05V
AC Electrical Characteristics
74ACT
74ACT
VCC
TA ea25 C
TA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a85 C
Units
CL e 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
50
10
65
90
10
100
ns
Data to Output
tPHL
Propagation Delay
50
10
70
90
10
100
ns
Data to Output
tPZH
Output Enable Time
50
10
60
85
10
95
ns
tPZL
Output Enable Time
50
10
70
95
10
105
ns
tPHZ
Output Disable Time
50
10
70
95
10
105
ns
tPLZ
Output Disable Time
50
10
75
100
10
105
ns
Voltage Range 50 is 50V g05V
Capacitance
Symbol
Parameter
ACACT
Units
Conditions
Typ
CIN
Input Capacitance
45
pF
VCC e OPEN
CPD
Power Dissipation
450
pF
VCC e 50V
Capacitance
4


Similar Part No. - 74ACT125PCQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT125PC FAIRCHILD-74ACT125PC Datasheet
90Kb / 9P
   Quad Buffer with 3-STATE Outputs
74ACT125PC FAIRCHILD-74ACT125PC Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
74ACT125PC FAIRCHILD-74ACT125PC Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74ACT125PCQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS126A NSC-74LS126A Datasheet
95Kb / 4P
   Quad TRI-STATE Buffer
54F365 NSC-54F365 Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
54F243 NSC-54F243 Datasheet
133Kb / 6P
   Quad Bus Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com