Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP610CEBTR Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # QTLP610CEBTR
Description  SURFACE MOUNT LED LAMP RIGHT ANGLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP610CEBTR Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QTLP610CEBTR Datasheet HTML 1Page - Fairchild Semiconductor QTLP610CEBTR Datasheet HTML 2Page - Fairchild Semiconductor QTLP610CEBTR Datasheet HTML 3Page - Fairchild Semiconductor QTLP610CEBTR Datasheet HTML 4Page - Fairchild Semiconductor QTLP610CEBTR Datasheet HTML 5Page - Fairchild Semiconductor QTLP610CEBTR Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6/29/04
Page 5 of 6
© 2004 Fairchild Semiconductor Corporation
SURFACE MOUNT LED LAMP
RIGHT ANGLE
Low VF Blue
QTLP610CEBTR
TAPE AND REEL DIMENSIONS
Progressive direction
Polarity
2.0
±0.05
Ø1.55.
±05
4.0
0.23
±0.1
4.0
Dimensional tolerance is
± 0.1mm unless otherwise specified
Angle:
± 0.5
Unit: mm
2.06
1.32
Ø60.0
±0.5
2.2
±0.5
Ø13.0
±0.5
9.0
±0.5
12.0
±0.15
Ø178.0
±1.0


Similar Part No. - QTLP610CEBTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP610C FAIRCHILD-QTLP610C Datasheet
381Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT RIGHT ANGLE
QTLP610C-2 FAIRCHILD-QTLP610C-2 Datasheet
381Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT RIGHT ANGLE
QTLP610C-3 FAIRCHILD-QTLP610C-3 Datasheet
381Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT RIGHT ANGLE
QTLP610C-4 FAIRCHILD-QTLP610C-4 Datasheet
381Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT RIGHT ANGLE
QTLP610C-5 FAIRCHILD-QTLP610C-5 Datasheet
175Kb / 5P
   SURFACE MOUNT LED LAMP Right Angle - (Side Looker)
More results

Similar Description - QTLP610CEBTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP613C-EB FAIRCHILD-QTLP613C-EB Datasheet
419Kb / 6P
   SURFACE MOUNT LED LAMP RIGHT ANGLE
QTLP610C-EB FAIRCHILD-QTLP610C-EB Datasheet
374Kb / 6P
   SURFACE MOUNT LED LAMP RIGHT ANGLE
logo
Kingbright Corporation
AA4040NC KINGBRIGHT-AA4040NC Datasheet
145Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040PBC KINGBRIGHT-AA4040PBC Datasheet
284Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040PGC KINGBRIGHT-AA4040PGC Datasheet
145Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SURCK KINGBRIGHT-AA4040SURCK Datasheet
279Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040VGC KINGBRIGHT-AA4040VGC Datasheet
184Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDK67W SUNLED-ZMDK67W Datasheet
195Kb / 4P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA4040QBS-G KINGBRIGHT-AA4040QBS-G Datasheet
309Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040CGSK KINGBRIGHT-AA4040CGSK Datasheet
294Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com