Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16G48 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SM16G48
Description  AC POWER CONTROL APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM16G48 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SM16G48 Datasheet HTML 1Page - Toshiba Semiconductor SM16G48 Datasheet HTML 2Page - Toshiba Semiconductor SM16G48 Datasheet HTML 3Page - Toshiba Semiconductor SM16G48 Datasheet HTML 4Page - Toshiba Semiconductor SM16G48 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM16(G,J)48,USM16(G,J)48,SM16(G,J)48A,USM16(G,J)48A
2001-07-13
1
TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM16G48,USM16G48,SM16J48,USM16J48
SM16G48A,USM16G48A,SM16J48A,USM16J48A
AC POWER CONTROL APPLICATIONS
l Repetitive Peak Off-State Voltage :VDRM=400, 600V
l R.M.S On-State Current
:IT (RMS)=16A
l Gate Trigger Current
:IGT=30mA Max.
:IGT=20mA Max. (“A”Type)
Unit in mm
SM16G48, SM16J48, SM16G48A, SM16J48A
USM16G48, USM16J48, USM16G48A, USM16J48A
JEDEC
JEDEC
JEITA
JEITA
TOSHIBA
13-10J1A
TOSHIBA
13-10J2A
Weight : 1.7g
MARKING
NUMBER
SYMBOL
MARK
SM16G48, SM16G48A, USM16G48, USM16G48A
M16G48
*1
SM16J48, SM16J48A, USM16J48, USM16J48A
M16J48
*2
TYPE
SM16G48A,SM16J48A,USM16G48A,USM16J48A
A
*3
Example
8A : January 1998
8B : February 1998
8L : December 1998


Similar Part No. - SM16G48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45A TOSHIBA-SM16G45A Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results

Similar Description - SM16G48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8GZ47A TOSHIBA-SM8GZ47A Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com