Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88149CL Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88149CL
Description  3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149CL Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88149CL Datasheet HTML 1Page - Micrel Semiconductor SY88149CL Datasheet HTML 2Page - Micrel Semiconductor SY88149CL Datasheet HTML 3Page - Micrel Semiconductor SY88149CL Datasheet HTML 4Page - Micrel Semiconductor SY88149CL Datasheet HTML 5Page - Micrel Semiconductor SY88149CL Datasheet HTML 6Page - Micrel Semiconductor SY88149CL Datasheet HTML 7Page - Micrel Semiconductor SY88149CL Datasheet HTML 8Page - Micrel Semiconductor SY88149CL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY88149CL
November 2005
5
M9999-112205-A1
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 4
260
ps
tJITTER
Deterministic
Random
Note 5
Note 6
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
5
1800
mVPP
VOD
Differential Output Voltage
Swing
VID > 18mVPP Figure 1
1500
mVPP
TOFF
SD Release Time
100
500
ns
TON
SD Assert Time
100
500
ns
SDAL
Low SD Assert Level
RSDLVL = 15kΩ, Note 8
3.4
mVPP
SDDL
Low SD De-assert Level
RSDLVL = 15kΩ, Note 8
2.3
mVPP
HYSL
Low SD Hysteresis
RSDLVL = 15kΩ, Note 7
3.4
dB
SDAM
Medium SD Assert Level
RSDLVL = 5kΩ, Note 8
6.2
8
mVPP
SDDM
Medium SD De-assert Level
RSDLVL = 5kΩ, Note 8
3
4.2
mVPP
HYSM
Medium SD Hysteresis
RSDLVL = 5kΩ, Note 7
2
3.4
5
dB
SDAH
High SD Assert Level
RSDLVL = 100Ω, Note 8
16.4
20
mVPP
SDDH
High SD De-assert Level
RSDLVL = 100Ω, Note 8
8
10.8
mVPP
HYSH
High SD Hysteresis
RSDLVL = 100Ω, Note 7
2
3.4
5
dB
B-3dB
3dB Bandwidth
1
GHz
AV(Diff)
Differential Voltage Gain
42
dB
S21
Single-ended Small-Signal Gain
36
dB
Notes:
4.
Amplifier in limiting mode. Input is a 200MHz square wave.
5.
Deterministic jitter measured using 1.25Gbps K28.5 pattern, VID = 10mVPP.
6.
Random jitter measured using 1.25Gbps K28.7 pattern, VID = 10mVPP.
7.
This specification defines electrical hysteresis as 20log(SD Assert/SD De-assert). The ratio between optical hysteresis and
electrical hysteresis is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA
characteristics. Based upon that ratio, the optical hysteresis corresponding to the electrical hysteresis range 2dB-5dB, shown
in the AC characteristics table, will be 1dB-4dB optical Hysteresis.
8.
See “Typical Operating Characteristics” for a graph showing how to choose a particular RSDLVL for a particular SD assert and
its associated de-assert amplitude.


Similar Part No. - SY88149CL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CL MICREL-SY88149CL Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88149CL MICREL-SY88149CL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CLKG MICREL-SY88149CLKG Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CLKG MICREL-SY88149CLKG Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88149CLKGTR MICREL-SY88149CLKGTR Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
More results

Similar Description - SY88149CL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88345BL MICREL-SY88345BL Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com