Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMX-22S Datasheet(PDF) 3 Page - Sanken electric

Part # FMX-22S
Description  Ultra-Fast-Recovery Rectifier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMX-22S Datasheet(HTML) 3 Page - Sanken electric

  FMX-22S Datasheet HTML 1Page - Sanken electric FMX-22S Datasheet HTML 2Page - Sanken electric FMX-22S Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
71
RN 4Z
t / T
1/6
=
Half-cycle sinewave
t / T
1/ 3
=
t / T
1/2
=
DC
DC
t / T
1/6
=
t / T
1/ 3
=
Half-cycle sinewave
t / T
1/2
=
10
1
0.1
0.01
0.001
0
0.2
0.8
1.4
1.2
1.0
0.6
0.4
50
0
0
100
0
110
120
130
140
150
t
T
T
150
°C
j =
t
T
T
150
°C
j =
V
200V
=
R
1
2
3
4
5
12
3
1
2
3
150
°C
Ta =
60
°C
100
°C
25
°C
0
25
50
75
100
125
150
0
1
2
3
4
5
1
5
50
10
20ms
RL 4Z
RL 4A
80
60
40
20
0
Without
Heatsink
60
1
5
50
10
20ms
80
60
40
20
0
0.3
0.5
0.7
0.9
0.1
1.1
1.3
Ta 150
°C
=
60
°C
100
°C
25
°C
1
10
30
0.1
0.01
0.001
0.5
1.0
1.5
2.0
0
2.5
3.0
Ta 150
°C
=
25
°C
100
°C
1
10
50
0.1
0.01
0.001
130
120
110
100
150
140
0
1.0
0.5
2.0
0.5
2.5
3.0
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
t
T
VR=600V
Tj=150
°C
FMC-G28S
10
40
30
20
50
0
1
5
50
10
20ms
0
150
2
3
100
110
120
130
140
t/ T=1/6
t/ T=1/2
D.C.
1
t / T=1/3,
Sinewave
0
3
8
12
012
t/ T=1/6
t / T=1/2
D.C.
4
Tj=
150
°C
T
t
t / T=1/3,
Sinewave
FMC-G28SL
0
5
10
15
20
01
2
3
4
5
D.C.
Tj =
150
°C
T
t
t / T=1/6
t / T=1/3,
Sinewave
t/ T=1/2
0
1
2
3
4
5
50
70
90
110
130
150
t/ T=1/6
t/ T=1/3
D.C.
t / T=1/2
Sinewave
10
50
40
20
30
60
0
1
5
50
10
20ms
Ambient Temperature Ta (
°C)
IFMS Rating
VF —IF Characteristics (Typical)
Ta— IF (AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Forward Voltage VF (V)
Overcurrent Cycles
IFMS Rating
Overcurrent Cycles
IFMS Rating
Overcurrent Cycles
IFMS Rating
Overcurrent Cycles
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Lead Temperature T (
°C)
T — IF(AV) Characteristics
Lead Temperature T (
°C)
T — IF(AV) Characteristics
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
Characteristic Curves
Ultra-Fast-Recovery Rectifier Diodes


Similar Part No. - FMX-22S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMX-22S SANKEN-FMX-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMX-22S SANKEN-FMX-22S Datasheet
209Kb / 4P
   Silicon Rectifier Diode
FMX-22S SANKEN-FMX-22S Datasheet
210Kb / 4P
   Silicon Rectifier Diode
logo
Inchange Semiconductor ...
FMX-22S ISC-FMX-22S Datasheet
235Kb / 2P
   Ultrafast Rectifier
logo
Sanken electric
FMX-22SL SANKEN-FMX-22SL Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results

Similar Description - FMX-22S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
U5A2CIC KEC-U5A2CIC_07 Datasheet
42Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A4CIC KEC-U10A4CIC_07 Datasheet
446Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U20A4CI KEC-U20A4CI Datasheet
370Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
SMAU1G KEC-SMAU1G_07 Datasheet
439Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Unisonic Technologies
BYR79 UTC-BYR79 Datasheet
166Kb / 3P
   ULTRA FAST-RECOVERY RECTIFIER DIODE
logo
KEC(Korea Electronics)
U5A6CD KEC-U5A6CD Datasheet
349Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CDC KEC-U10A6CDC Datasheet
349Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U8A6CD KEC-U8A6CD Datasheet
357Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A3CIC KEC-U10A3CIC_15 Datasheet
444Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CIC KEC-U10A6CIC Datasheet
352Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Sanken electric
FMXJ-2164S SANKEN-FMXJ-2164S Datasheet
328Kb / 8P
   Ultra-Fast-Recovery Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com