Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ1GEYJV Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJ1GEYJV
Description  Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ1GEYJV Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJ1GEYJV Datasheet HTML 1Page - Panasonic Semiconductor ERJ1GEYJV Datasheet HTML 2Page - Panasonic Semiconductor ERJ1GEYJV Datasheet HTML 3Page - Panasonic Semiconductor ERJ1GEYJV Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
ERJ1G
0.25
15000 pcs./reel (2 mm pitch)
(0201)
ERJ2G
0.35
10000 pcs./reel (2 mm pitch)
50000 pcs./case
(0402)
20000 pcs./reel (2 mm pitch)
ERJ3G
0.45
10000 pcs./reel (2 mm pitch)
25000 pcs./case
(0603)
5000 pcs./reel (4 mm pitch)]
ERJ6G
0.6
5000 pcs./reel (4 mm pitch)]
10000 pcs./case
(0805)
ERJ8G
0.6
5000 pcs./reel (4 mm pitch)]
(1206)
ERJ14
0.6
5000 pcs./reel
(1210)
ERJ12,12Z
0.6
5000 pcs./reel
(1812, 2010)
ERJ1T
0.6
4000 pcs./reel
(2512)
180.0Ð3.0 60 min. 13.0±1.0
1G,2G,3G
6G,8G,14
12,12Z,1T
13.0±1.0 15.4±2.0
Thick Film Chip Resistors
l Standard Quantity
l Taping Reel
Type
fA
fB
fCW
T
9.0±1.0 11.4±2.0
0
l Bulk Case
9
6
B)
B+
Slider
Shutter
110
12
Dimensions
(mm)
(mm)
Punched (Paper) Taping
Embossed Taping
(4 mm pitch)
Bulk Case
Type
(inches)
Thickness
(mm)
1G
0.47±0.05
2G
2.00±0.10
0.52±0.05
3G
0.70±0.05
6G
4.00±0.10
8G
14
2.80±0.20 3.50±0.20 8.00±0.30 3.50±0.05
12
3.50±0.20 4.80±0.20
12Z
2.80±0.20 5.30±0.20 12.00±0.30 5.50±0.05 1.75
±0.10
4.00±0.10
1T
3.60±0.20 6.90±0.20
l Punched (Paper) Taping
P1 P2 P0
T
A
Tape running direction
Chip component
Sprocket hole
Compartment
BD0
14
1 min.
12
12Z
2.00±0.05 4.00±0.10 1.50+0.10 1.00±0.10 1.5 min.
1T
l Embossed Taping
Type
AB
W
F
E
P1
Dimensions
(mm)
Type
P2
P0
fD0
t
fD1
Dimensions
(mm)
0
BD1
P1 P2 P0
t
A
Tape running direction
Chip component
Sprocket hole
Compartment
BD0
Type
AB
W
F
E
1G
0.38±0.05 0.68±0.05
2G
0.70±0.05 1.20±0.05
3G
1.10±0.10 1.90±0.10
6G
1.65±0.15 2.50±0.20
8G
2.00±0.15 3.60±0.20
8.00±0.20 3.50±0.05 1.75±0.10
Dimensions
(mm)
Type
P1
P2
P0
fD0
T
2.00±0.05 4.00±0.10 1.50+0.10
0.84±0.05
Dimensions
(mm)
0
n Packaging Specifications
] Please consult us if resistors other than shown above are needed.


Similar Part No. - ERJ1GEYJV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ1GEYJ102C PANASONIC-ERJ1GEYJ102C Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1GEYJ102U PANASONIC-ERJ1GEYJ102U Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1GEYJ102V PANASONIC-ERJ1GEYJ102V Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1GEYJ102X PANASONIC-ERJ1GEYJ102X Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1GEYJ102Y PANASONIC-ERJ1GEYJ102Y Datasheet
252Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - ERJ1GEYJV

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com