Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR36685 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LR36685
Description  1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR36685 Datasheet(HTML) 2 Page - Sharp Corporation

  LR36685 Datasheet HTML 1Page - Sharp Corporation LR36685 Datasheet HTML 2Page - Sharp Corporation LR36685 Datasheet HTML 3Page - Sharp Corporation LR36685 Datasheet HTML 4Page - Sharp Corporation LR36685 Datasheet HTML 5Page - Sharp Corporation LR36685 Datasheet HTML 6Page - Sharp Corporation LR36685 Datasheet HTML 7Page - Sharp Corporation LR36685 Datasheet HTML 8Page - Sharp Corporation LR36685 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
LZ23J3V
PIN DESCRIPTION
SYMBOL
PIN NAME
OD
Output transistor drain
OS
Output signals
ØRS
Reset transistor clock
ØV1A, ØV1B, ØV2, ØV3A, ØV3B, ØV4
Vertical shift register clock
ØH1, ØH2
Horizontal shift register clock
PW
P-well
GND
Ground
NC
No connection
Overflow drain
OFD
ABSOLUTE MAXIMUM RATINGS
(TA = +25 ˚C)
PARAMETER
SYMBOL
RATING
UNIT
Output transistor drain voltage
VOD
0 to +18
V
Reset gate clock voltage
VØRS
Internal output
V
Vertical shift register clock voltage
VØV
VPW to +18
V
Horizontal shift register clock voltage
VØH
–0.3 to +12
V
Voltage difference between P-well and vertical clock
VPW-VØV
–29 to 0
V
Storage temperature
TSTG
–40 to +85
˚C
Ambient operating temperature
TOPR
–20 to +70
˚C
2
NOTE
NOTES :
1. Do not connect to DC voltage directly. When OFD is connected to GND, connect VOD to GND. Overflow drain clock is
applied below 33 Vp-p.
2. Do not connect to DC voltage directly. When ØRS is connected to GND, connect VOD to GND. Reset gate clock is
applied below 8 Vp-p.
3. When clock width is below 10 µs, and clock duty factor is below 0.1%, voltage difference between vertical clocks will be
below 28 V.
1
V
Internal output
VOFD
Overflow drain voltage
3
V
0 to +17
VØV-VØV
Voltage difference between vertical clocks


Similar Part No. - LR36685

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR36685 SHARP-LR36685 Datasheet
63Kb / 8P
   Vertical Driver IC for CCD Area Sensors
LR36685 SHARP-LR36685 Datasheet
179Kb / 18P
   1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
More results

Similar Description - LR36685

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
RJ23N3AA0PT SHARP-RJ23N3AA0PT Datasheet
590Kb / 19P
   1/2.7-type Interline Color CCD Area Sensor with 2 140 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
   1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
RJ21P3AA0PT SHARP-RJ21P3AA0PT Datasheet
179Kb / 18P
   1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
LZ21N3 SHARP-LZ21N3 Datasheet
153Kb / 19P
   1/2-type Interline Color CCD Area Sensor with 2 140 k Pixels
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
   1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
   1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
   1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com