Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP1410AF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VP1410AF
Description  Digital Voice Processor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VP1410AF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VP1410AF Datasheet HTML 1Page - List of Unclassifed Manufacturers VP1410AF Datasheet HTML 2Page - List of Unclassifed Manufacturers VP1410AF Datasheet HTML 3Page - List of Unclassifed Manufacturers VP1410AF Datasheet HTML 4Page - List of Unclassifed Manufacturers VP1410AF Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PIN DESCRIPTIONS
A0 - A16
Output, address bus, expandable by adding a counter.
Note that VP-1410AF does not have A16.
ANG & ANG
Output, differential analog audio signal.
ANGD
Input, analog signal to be connected to the external
comparator output.
C1
Input, internal RC oscillator. If external clock is to be used,
it must be connected to this pin and its frequency 64x the
sampling rate.
CLK DRV
Output, buffered clock signal, a square wave of the same
frequency as the sampling rate.
D0 - D7
Input, data bus.
ENV
Input, to be connected to an external integrator output.
INT
Output, connected to an external integrator to produce
envelope waveform.
GND
Ground.
I/O1 ~ I/O10
Input/output, trigger pin, active low. I/O1 is for message
#1, I/O2 is for message #2 and etc. When the chip is idle
but not under reset, this pin is the trigger input and pulsing
it will put the chip in the "Play" mode and start the message.
Once in the "Play" mode, the pin becomes a "low" output
until the message is over.
R1
Output, internal oscillator pin. Leave un-connected when
using external clock.
READ
Output, active low. It indicates the chip is in the "Play"
mode. This signal is usually used to enable memory output.
RESET
Input, active high. Reset the chip back to the "Idle" mode.
This pin is level sensitive.
TEST
For factory use only, keep it un-connected.
VCC
Input, supply voltage.
VP-1410A..........................................................................................3
VOICE
Block Diagram
ADDRESS
GENERATOR
OSC. &
TIMING CTRL
A0
:
A16
READ
ANG
TEST
GND
VDD
ENV
INT
CVSD
DEMODULATOR
VDD
GND
RESET
I/O CONTROL
& LATCH
I/O1 .......... I/O10
I/O
SCANNER
12MHz
CLOCK
6-AA FLAG
RECEIVER
ANG
ANGD
CLK
DRV
INPUT BUFFER
& SHIFT REGISTER
D0 ........... D7


Similar Part No. - VP1410AF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
VP1 TEC-VP1 Datasheet
214Kb / 3P
   Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
logo
Cooper Bussmann, Inc.
VP1-0059-R COOPER-VP1-0059-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
VP1-0059-R EATON-VP1-0059-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Cooper Bussmann, Inc.
VP1-0076-R COOPER-VP1-0076-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
VP1-0076-R EATON-VP1-0076-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
More results

Similar Description - VP1410AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VP-1608F ETC1-VP-1608F Datasheet
966Kb / 7P
   Digital Voice Processor
VP-1000A ETC1-VP-1000A Datasheet
832Kb / 6P
   Digital Voice Processor
logo
Zarlink Semiconductor I...
ZL38015 ZARLINK-ZL38015 Datasheet
133Kb / 3P
   Voice Processor
logo
SONiX Technology Compan...
SNC739 SONIX-SNC739 Datasheet
164Kb / 16P
   16-bit Voice Processor
SNC759 SONIX-SNC759 Datasheet
163Kb / 16P
   16-bit Voice Processor
logo
Texas Instruments
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
logo
SONiX Technology Compan...
SNC745 SONIX-SNC745_05 Datasheet
264Kb / 15P
   16-bit Voice Processor
logo
Nuvoton Technology Corp...
N571P032 NUVOTON-N571P032 Datasheet
649Kb / 19P
   32-BIT VOICE PROCESSOR
logo
SONiX Technology Compan...
SNC725 SONIX-SNC725 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC745 SONIX-SNC745 Datasheet
231Kb / 15P
   16-bit Voice Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com