Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62399P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M62399P
Description  8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62399P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62399P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62399P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62399P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62399P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62399P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62399P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
8-BIT 8CH I C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
2
3
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Unit
Supply voltage
-0.3~+7.0
Parameter
Conditions
Topr
Operating temperature
Analog part(Vcc=13V,VDD=VrefU1,2=+5V±10%,GND=VrefL=0V,Ta=-20 ~ +85°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
mA
°C
°C
-20~+85
-40~+125
VDD
Tstg
Storage temperature
ELECTRICAL CHARACTERISTICS
Digital part(Vcc=13V,VDD=VrefU1,2=+5V±10%,GND=VrefL=0V,Ta=-20 ~ +85°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
VDD
Supply voltage
VIH
IILK
VIL
Input leak current
Input low voltage
µA
4.5
5.5
10
-10
Input high voltage
V
V
V
5.0
0.2VCC
V
mA
3.5
VrefU1,2
D-A converter upper reference voltage
VIND
Digital input voltage
V
V
VDD
VIN=0~VDD
0.8VCC
Supply voltage
VCC
V
-0.3~+13.5
-0.3~VDD+0.3
IDD
Supply current
CLK=1MHz operation IAO=0µA
mA
LSB
Buffer amplifier output voltage range
Buffer amplifier output drive range
Differential nonlinearity error
LSB
IAO=±500µA
IAO=±1.0mA
V
IAO
-2.5
2.5
mA
Nonlinearity error
-1.0
-1.5
-2.0
1.0
1.5
LSB
LSB
%
V/µs
V
V
0.2
3.0
2.0
2.0
-2.0
Vcc-0.2
Vcc-0.1
0.1
0.2
GND
1.5
VDD
13
Vcc
Icc
IrefU
VrefU
VrefL
VAO
SDL
SL
SZERO
SFULL
Eo
SR
Supply voltage
Circuit current
D-A converter upper reference
voltage input current
D-A converter upper reference
voltage range
D-A converter lower reference
voltage range
Zero code error
Full scale error
Gain error
Output slew rate
CLK=1MHz operation IAO=0µA
VrefU=5V VrefL=0V
Data condition:at maximum current
The output does not necessarily be the
values within the reference voltage setting
range.
Upper side saturation voltage=0.3V
Lower side saturation voltage=0.2V
VrefU=4.79V
VrefL=0.95V
Vcc=5.5V(15mV/LSB)
without load(IAO=0)
1
-3.0
VDD
2.0
4.0
1.2
2.5


Similar Part No. - M62399P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62399P RENESAS-M62399P Datasheet
2Mb / 6P
   8-BIT 8CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62399P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62393P RENESAS-M62393P Datasheet
119Kb / 7P
   8-bit 8ch I2C BUS D/A Converter with Buffer Amplifiers
M62399P RENESAS-M62399P Datasheet
2Mb / 6P
   8-BIT 8CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62353P MITSUBISHI-M62353P Datasheet
55Kb / 6P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com