Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1302Z-SL Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1302Z-SL
Description  Single Coil Fan Motor Full Wave Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1302Z-SL Datasheet(HTML) 5 Page - Anachip Corp

  AP1302Z-SL Datasheet HTML 1Page - Anachip Corp AP1302Z-SL Datasheet HTML 2Page - Anachip Corp AP1302Z-SL Datasheet HTML 3Page - Anachip Corp AP1302Z-SL Datasheet HTML 4Page - Anachip Corp AP1302Z-SL Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AP1301/2/4/5
Single Coil Fan Motor Full Wave Driver
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Apr.16, 2004
5/5
Marking Information
Blank : normal
L : Lead Free Package
Y: Year, "01"=2001
"02"=2002
WW: Xth week,01-52
34
2
1
876
5
SOP-8L
Part Number
Logo
Date code
X: internal code
AC
AP1301/2/4/5
YY WW X X
(Top View)
Package Information
Package Type: SOP-8L ( Normal / Expose Pad )
VIEW "A"
L
VIEW "A"
B
e
D
7 (4X)
0.015x45
7 (4X)
y
X
Expose Pad
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.60
1.75
0.055
0.063
0.069
A1
0.10
-
0.25
0.040
-
0.100
A2
1.30
1.45
1.50
0.051
0.057
0.059
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
5.05
5.30
0.189
0.199
0.209
E
3.70
3.90
4.10
0.146
0.154
0.161
e
-
1.27
-
-
0.050
-
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
y
-
-
0.10
-
-
0.004
θ
0
O
-
8
O
0
O
-
8
O
(Expose pad)
X
-
2.92
-
-
0.115
-
Y
-
2.34
-
-
0.092
-


Similar Part No. - AP1302Z-SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Anachip Corp
AP13025R ANACHIP-AP13025R Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP13025RA ANACHIP-AP13025RA Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP13025RL ANACHIP-AP13025RL Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP13025RLA ANACHIP-AP13025RLA Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
More results

Similar Description - AP1302Z-SL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com