Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-513Y-LK000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDSP-513Y-LK000
Description  14.22 mm (0.56 inch) General Purpose Seven-Segment Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-513Y-LK000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDSP-513Y-LK000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-513Y-LK000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-513Y-LK000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-513Y-LK000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-513Y-LK000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-513Y-LK000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-513Y-LK000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-513Y-LK000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-513Y-LK000 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Figure 9. Maximum allowable average or DC
current vs. ambient temperature.
Figure 10. Forward current vs. forward voltage.
Figure 11. Relative luminous intensity vs. DC
forward current.
Figure 12. Relative efficiency (luminous
intensity per unit current) vs. peak current.
AlGaAs Red
AIGaAs RED
16
12
10
6
4
2
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
14
8
0
0.5
1.0
1.5
2.0
2.5
120
100
80
60
40
20
0
VF – FORWARD VOLTAGE – V
3.0
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
30
IF – FORWARD CURRENT FOR SEGMENT – mA
35
0
0
5
10 15 20 25 30 35 40 45 50
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
0.2
0.4
0.6
0.8
1.0
1.2


Similar Part No. - HDSP-513Y-LK000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513Y AVAGO-HDSP-513Y Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
More results

Similar Description - HDSP-513Y-LK000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com