Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1752A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1752A
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1752A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1752A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1752A Datasheet HTML 2Page - Panasonic Semiconductor 2SD1752A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD1752, 2SD1752A
Silicon NPN epitaxial planar type
For power amplification and low-voltage switching
Complementary to 2SB1148 and 2SB1148A
s Features
q
Low collector to emitter saturation voltage VCE(sat)
q
High-speed switching
q
Satisfactory linearity of foward current transfer ratio hFE
q
Large collector current IC
q
I type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
40
50
20
40
5
20
10
15
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1752
2SD1752A
2SD1752
2SD1752A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
Cob
ton
tstg
tf
Conditions
VCB = 40V, IE = 0
VCB = 50V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 2V, IC = 0.1A
VCE = 2V, IC = 3A
IC = 10A, IB = 0.33A
IC = 10A, IB = 0.33A
VCE = 10V, IC = 0.5A, f = 10MHz
VCB = 10V, IE = 0, f = 1MHz
IC = 3A, IB1 = 0.1A, IB2 = – 0.1A,
VCC = 20V
min
20
40
45
90
typ
120
200
0.3
0.4
0.1
max
50
50
50
260
0.6
1.5
Unit
µA
µA
V
V
V
MHz
pF
µs
µs
µs
2SD1752
2SD1752A
2SD1752
2SD1752A
*h
FE2 Rank classification
Rank
Q
P
hFE2
90 to 180
130 to 260
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package (Y)
7.0
±0.3
3.0
±0.2
3.5
±0.2
4.6
±0.4
2
13
1.1
±0.1
0.75
±0.1
2.3
±0.2
0.85
±0.1
0.4
±0.1
7.0
±0.3
0.75
±0.1
2.3
±0.2
4.6
±0.4
1.1
±0.1
2.0
±0.2
0.9
±0.1
3.5
±0.2
3.0
±0.2
123
0 to 0.15
0 to 0.15
2.5
0.5 max.


Similar Part No. - 2SD1752A

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1752 ROHM-2SD1752 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results

Similar Description - 2SD1752A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com