Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC1013P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EPC1013P
Description  Ethernet DC/DC Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EPC1013P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EPC1013P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Specifications
Ethernet DC/DC Converter
CSC1013P
Rev. D
3/20/01
• Designed for Low Common Mode Noise •
• Output Regulated •
• 70% Efficiency at Full Load @ Nominial Input Voltage •
• Input Filter to Reduce Input Ripple Current •
• Input/Output Isolation : 500 Vrms •
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Min.
10.8
---
---
---
---
Typ.
12.0
9 ± 5%
---
---
---
Parameters
13.2
---
200
100
---
Max.
Volts
Volts
mA
mV p-p
---
Units
Input Voltage
Output Voltage
Output Current
Output Ripple & Noise @ 20 MHz BW
---
EPC1013P
Dimensions
A
B
C
D
E
F
G
H
I
J
Dim.
Min.
1.300
.585
.375
---
---
---
---
.022
.012
---
Max.
1.290
.575
---
1.100
---
.100
.635
.020
.010
.020
Nom.
(Inches)
(millimeters)
32.51
14.35
---
---
3.18
---
---
.457
.203
---
Min.
33.02
14.86
9.53
---
---
---
---
.556
.305
---
Max.
32.77
14.61
---
27.94
---
2.54
16.13
.508
.254
.508
Nom.
1.280
.565
---
---
.125
---
---
.018
.008
---
Package E
Pin Connections
PCA EPC1013P
Date Code
12V
9V
A
C
B
D
E
H
I
G
F
J
White Dot
Pin 1
V in+
V o+
V in+
V in-
24
13
14
15
1
12
11
10
V o-
V o+
V in-
V o-
Pin 4 removed, Pins 2-9 & 16-23 not connected


Similar Part No. - EPC1013P

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1013P PCA-EPC1013P Datasheet
17Kb / 1P
   Ethernet DC/DC Converter
EPC1013P-LF PCA-EPC1013P-LF Datasheet
17Kb / 1P
   Ethernet DC/DC Converter
EPC1013P PCA-EPC1013P_15 Datasheet
17Kb / 1P
   Ethernet DC/DC Converter
More results

Similar Description - EPC1013P

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1005P PCA-EPC1005P_15 Datasheet
14Kb / 1P
   Ethernet DC/DC Converter
logo
List of Unclassifed Man...
EPC1008P ETC1-EPC1008P Datasheet
28Kb / 1P
   Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
   Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
   Ethernet DC/DC Converter
EPC1008P PCA-EPC1008P Datasheet
34Kb / 1P
   Ethernet DC/DC Converter
EPC1018H PCA-EPC1018H Datasheet
18Kb / 1P
   Ethernet DC/DC Converter
EPC1054P PCA-EPC1054P Datasheet
39Kb / 1P
   Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
   Ethernet DC/DC Converter
EPC1091P PCA-EPC1091P Datasheet
27Kb / 1P
   Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
   Ethernet DC/DC Converter
EPC1109P PCA-EPC1109P Datasheet
26Kb / 1P
   Ethernet DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com